Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
DC Electrical Characteristics
56857 Technical Data, Rev. 6
Freescale Semiconductor
23
4.2 DC Electrical Characteristics
Table 4-3 Thermal Characteristics1
1. See Section 6.1 for more detail.
Characteristic
100-pin LQFP
Symbol
Value
Unit
Thermal resistance junction-to-ambient
(estimated)
θJA
41.2
°C/W
I/O pin power dissipation
PI/O
User Determined
W
Power dissipation
PD
PD = (IDD × VDD) + PI/O
W
Maximum allowed PD
PDMAX
(TJ – TA) / RθJA 2
2. TJ = Junction Temperature
TA = Ambient Temperature
W
Table 4-4 DC Electrical Characteristics
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Input high voltage (XTAL/EXTAL)
VIHC
VDDA – 0.8
VDDA
VDDA + 0.3
V
Input low voltage (XTAL/EXTAL)
VILC
-0.3
—
0.5
V
Input high voltage
VIH
2.0
—
5.5
V
Input low voltage
VIL
-0.3
—
0.8
V
Input current low (pullups disabled)
IIL
-1
—
1
μA
Input current high (pullups disabled)
IIH
-1
—
1
μA
Output tri-state current low
IOZL
-10
—
10
μA
Output tri-state current high
IOZH
-10
—
10
μA
Output High Voltage
VOH
VDDIO – 0.7
—
—
V
Output Low Voltage
VOL
——
0.4
V
Output High Current
IOH
8—
16
mA
Output Low Current
IOL
8—
16
mA
Input capacitance
CIN
—8
—
pF
Output capacitance
COUT
—12
—
pF
VDD supply current (Core logic, memories, peripherals)
Run 1
Deep Stop2
Light Stop3
IDD4
—
—
—
70
0.05
5
110
10
14
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com