Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 53Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
Electrical Design Considerations
56857 Technical Data, Rev. 6
Freescale Semiconductor
51
Part 7 Ordering Information
Table 7-1 lists the pertinent information needed to place an order. Consult a Freescale Semiconductor
sales office or authorized distributor to determine availability and to order parts.
*This package is RoHS compliant.
Table 7-1 56857 Ordering Information
Part
Supply
Voltage
Package Type
Pin
Count
Frequency
(MHz)
Order Number
DSP56857
1.8V, 3.3V
Low-Profile Quad Flat Pack (LQFP)
100
120
DSP56857BU120
DSP56857
1.8V, 3.3V
Low-Profile Quad Flat Pack (LQFP)
100
120
DSP56857BUE *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com