Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
56857 Technical Data, Rev. 6
46
Freescale Semiconductor
Table 5-1 56857 Pin Identification By Pin Number
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1MISO
26
CLKO
51
RXD0
76
VDD
2MOSI
27
RSTO
52
TXD0
77
TIO3
3SCK
28
RESET
53
VDDIO
78
TIO2
4SS
29
HD3
54
VSSIO
79
TIO1
5VDDIO
30
HD4
55
CS0
80
VDDIO
6VDDIO
31
HD5
56
CS1
81
TIO0
7VSSIO
32
HD6
57
CS2
82
VSSIO
8VDD
33
HD7
58
CS3
83
HDS
9VSS
34
VDDIO
59
VDD
84
HCS
10
MODA
35
VSSIO
60
VDD
85
HREQ
11
MODB
36
VDD
61
VSS
86
HACK
12
MODC
37
VSS
62
HA0
87
VDD
13
VDDIO
38
VSS
63
HA1
88
VSS
14
VSSIO
39
DE
64
HA2
89
VSSIO
15
IRQA
40
TRST
65
HRWB
90
VDDIO
16
IRQB
41
TDO
66
STD1
91
VSSIO
17
VDDA
42
TDI
67
SRD1
92
STD0
18
VSSA
43
TMS
68
SCK1
93
SRD0
19
VSSA
44
TCK
69
SC10
94
SCK0
20
XTAL
45
VDDIO
70
SC11
95
SC00
21
EXTAL
46
VSSIO
71
SC12
96
SC01
22
HD0
47
VDDIO
72
VDDIO
97
SC02
23
HD1
48
VDDIO
73
VSSIO
98
VDDIO
24
HD2
49
VSSIO
74
RXD1
99
VSSIO
25
VDD
50
VDD
75
TXD1
100
VSSIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com