Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
56857 Technical Data, Rev. 6
14
Freescale Semiconductor
85
HREQ
HTRQ
GPIOB14
Open Drain
Output
Open Drain
Output
Input/Output
Host Request (HREQ)—When the HI08 is programmed for HRMS=0
functionality (typically used on a single-data- strobe bus), this open drain
output is used by the HI to request service from the host processor. The
HREQ may be connected to an interrupt request pin of a host processor,
a transfer request of a DMA controller, or a control input of external
circuitry.
These pins are disconnected internally.
Transmit Host Request (HTRQ)—This signal is the Transmit Host
Request output when the HI08 is programmed for HRMS=1 functionality
and is typically used on a double-data-strobe bus.
Port B GPIO (14) —This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
86
HACK
HRRQ
GPIOB15
Input
Open Drain
Output
Input/Output
Host Acknowledge (HACK)—When the HI08 is programmed for
HRMS=0 functionality (typically used on a single-data-strobe bus), this
input has two functions: (1) provide a Host Acknowledge signal for DMA
transfers or (2) to control handshaking and provide a Host Interrupt
Acknowledge compatible with the MC68000 family processors.
These pins are disconnected internally during reset.
Receive Host Request (HRRQ)—This signal is the Receive Host
Request output when the HI08 is programmed for HRMS=1 functionality
and is typically used on a double-data-strobe bus.
Port B GPIO (15)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
81
TIO0
GPIOG0
Input/Output
Input/Output
Timer Input/Output (TIO0)—This pin can be independently configured to
be either a timer input source or an output flag.
Port G GPIO (0)—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as an input or output pin.
79
TIO1
GPIOG1
Input/Output
Input/Output
Timer Input/Output (TIO1)—This pin can be independently configured to
be either a timer input source or an output flag.
Port G GPIO (1)—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as an input or output pin.
78
TIO2
GPIOG2
Input/Output
Input/Output
Timer Input/Output (TIO2)—This pin can be independently configured to
be either a timer input source or an output flag.
Port G GPIO (2)—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as an input or output pin.
Table 3-1 56857 Signal and Package Information for the 100-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com