Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
Introduction
56857 Technical Data, Rev. 6
Freescale Semiconductor
15
77
TIO3
GPIOG3
Input/Output
Input/Output
Timer Input/Output (TIO3)—This pin can be independently configured to
be either a timer input source or an output flag.
Port G GPIO (3)—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as an input or output pin.
15
IRQA
Input
External Interrupt Request A and B—The IRQA and IRQB inputs are
asynchronous external interrupt requests that indicate that an external
device is requesting service. A Schmitt trigger input is used for noise
immunity. They can be programmed to be level-sensitive or
negative-edge- triggered. If level-sensitive triggering is selected, an
external pull-up resistor is required for Wired-OR operation.
16
IRQB
10
MODE A
GPIOH0
Input
Input/Output
Mode Select (MODE A)—During the bootstrap process MODE A selects
one of the eight bootstrap modes.
Port H GPIO (0)—This pin is a General Purpose I/O (GPIO) pin after the
bootstrap process has completed.
11
MODE B
GPIOH1
Input
Input/Output
Mode Select (MODE B)—During the bootstrap process MODE B selects
one of the eight bootstrap modes.
Port H GPIOH1—This pin is a General Purpose I/O (GPIO) pin after the
bootstrap process has completed.
12
MODE C
GPIOH2
Input
Input/Output
Mode Select (MODE C)—During the bootstrap process MODE C selects
one of the eight bootstrap modes.
Port H GPIO (2)—This pin is a General Purpose I/O (GPIO) pin after the
bootstrap process has completed.
28
RESET
Input
Reset (RESET)—This input is a direct hardware reset on the processor.
When RESET is asserted low, the controller is initialized and placed in
the Reset state. A Schmitt trigger input is used for noise immunity. When
the RESET pin is deasserted, the initial chip operating mode is latched
from the MODE A, MODE B, and MODE C pins.
To ensure complete hardware reset, RESET and TRST should be
asserted together. The only exception occurs in a debugging
environment when a hardware reset is required and it is necessary not to
reset the JTAG/Enhanced OnCE module. In this case, assert RESET, but
do not assert TRST.
27
RSTO
Output
Reset Output (RSTO)—This output is asserted on any reset condition
(external reset, low voltage, software or COP).
51
RXD0
GPIOE0
Input
Input/Output
Serial Receive Data 0 (RXD0)—This input receives byte-oriented serial
data and transfers it to the SCI 0 receive shift register.
Port E GPIO (0)—This pin is a General Purpose I/O (GPIO) pin that can
individually be programmed as input or output pin.
Table 3-1 56857 Signal and Package Information for the 100-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com