Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
Introduction
56857 Technical Data, Rev. 6
Freescale Semiconductor
17
96
SC01
GPIOC4
Input/Output
Input/Output
ESSI Serial Control Pin 1 (SC01)—The function of this pin is determined
by the selection of either synchronous or asynchronous mode. For
asynchronous mode, this pin is the receiver frame sync I/O. For
synchronous mode, this pin is used either for transmitter2 output or for
serial I/O flag 1.
Port C GPIO (4)—This pin is a General Purpose I/O (GPIO) pin when the
ESSI is not in use.
97
SC02
GPIOC5
Input/Output
Input/Output
ESSI Serial Control Pin 2 (SC02)—This pin is used for frame sync I/O.
SC02 is the frame sync for both the transmitter and receiver in
synchronous mode and for the transmitter only in asynchronous mode.
When configured as an output, this pin is the internally generated frame
sync signal. When configured as an input, this pin receives an external
frame sync signal for the transmitter (and the receiver in synchronous
operation).
Port C GPIO (5)—This pin is a General Purpose I/O (GPIO) pin when the
ESSI is not in use.
66
STD1
GPIOD0
Output
Input/Output
ESSI Transmit Data (STD1)—This output pin transmits serial data from
the ESSI Transmitter Shift Register.
Port D GPIOD0—This pin is a General Purpose I/O (GPIO) pin when the
ESSI is not in use.
67
SRD1
GPIOD1
Input
Input/Output
ESSI Receive Data (SRD1)—This input pin receives serial data and
transfers the data to the ESSI Receive Shift Register.
Port D GPIO (1)—This pin is a General Purpose I/O (GPIO) pin when the
ESSI is not in use.
68
SCK1
GPIOD2
Input/Output
Input/Output
ESSI Serial Clock (SCK1)—This bidirectional pin provides the serial bit
rate clock for the transmit section of the ESSI. The clock signal can be
continuous or gated and can be used by both the transmitter and receiver
in synchronous mode.
Port D GPIO (2)—This pin is a General Purpose I/O (GPIO) pin when the
ESSI is not in use.
69
SC10
GPIOD3
Input/Output
Input/Output
ESSI Serial Control Pin 0 (SC10)—The function of this pin is determined
by the selection of either synchronous or asynchronous mode. For
asynchronous mode, this pin will be used for the receive clock I/O. For
synchronous mode, this pin is used either for transmitter1 output or for
serial I/O flag 0.
Port D GPIO (3)—This pin is a General Purpose I/O (GPIO) pin when the
ESSI is not in use.
Table 3-1 56857 Signal and Package Information for the 100-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com