Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Introduction
56857 Technical Data, Rev. 6
Freescale Semiconductor
9
Part 3 Signals and Package Information
All digital inputs have a weak internal pull-up circuit associated with them. These pull-up circuits are
enabled by default. Exceptions:
1. When a pin has GPIO functionality, the pull-up may be disabled under software control.
2. MODE A, MODE B, and MODE C pins have no pull-up.
3. TCK has a weak pull-down circuit always active.
4. Bidirectional I/O pullups automatically disable when the output is enabled.
This table is presented consistently with the Signals Identified by Functional Group figure.
1. BOLD entries in the Type column represents the state of the pin just out of reset.
2. Output(Z) means an output in a High-Z condition.
Table 3-1 56857 Signal and Package Information for the 100-pin LQFP
Pin No.
Signal Name
Type
Description
8VDD
VDD
Power (VDD)—These pins provide power to the internal structures of the
chip, and should all be attached to VDD.
25
VDD
36
VDD
50
VDD
59
VDD
60
VDD
76
VDD
87
VDD
9VSS
VSS
Ground (VSS)—These pins provide grounding for the internal structures
of the chip and should all be attached to VSS.
37
VSS
38
VSS
61
VSS
88
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com