Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
Host Interface Port
56857 Technical Data, Rev. 6
Freescale Semiconductor
31
4.7 Host Interface Port
Table 4-8 Host Interface Port Timing1
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
1. The formulas: T = clock cycle. f ipb = 60MHz, T = 16.7ns.
Characteristic
Symbol
Min
Max
Unit
See Figure
Access time
TACKDV
—13
ns
4-19
Disable time
TACKDZ
3—
ns
4-19
Time to disassert
TACKREQH
3.5
9
ns
4-19
4-22
Lead time
TREQACKL
0—
ns
4-19
4-22
Access time
TRADV
—13
ns
4-20
4-21
Disable time
TRADX
5—
ns
4-20
4-21
Disable time
TRADZ
3—
ns
4-20
4-21
Setup time
TDACKS
3—
ns
4-22
Hold time
TACKDH
1—
ns
4-22
Setup time
TADSS
3—
ns
4-23
4-24
Hold time
TDSAH
1—
ns
4-23
4-24
Pulse width
TWDS
5—
ns
4-23
4-24
Time to re-assert
1. After second write in 16-bit mode
2. After first write in 16-bit mode
or after write in 8-bit mode
TACKREQL
4T + 5
5
5T + 9
13
ns
ns
4-19
4-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com