Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
56857 Technical Data, Rev. 6
40
Freescale Semiconductor
Delay from SC0 high to SC1 (bl) high - Slave5
tRFSBHS
-1
—
29
ns
Delay from SC0 high to SC1 (wl) high - Slave5
tRFSWHS
-1
—
29
ns
Delay from SCK high to SC2 (bl) low - Slave5
tTFSBLS
-29
—
29
ns
Delay from SCK high to SC2 (wl) low - Slave5
tTFSWLS
-29
—
29
ns
Delay from SC0 high to SC1 (bl) low - Slave5
tRFSBLS
-29
—
29
ns
Delay from SC0 high to SC1 (wl) low - Slave5
tRFSWLS
-29
—
29
ns
SCK high to STD enable from high impedance - Slave
tTXES
——
15
ns
SCK high to STD valid - Slave
tTXVS
4—
15
ns
SC2 high to STD enable from high impedance (first bit) - Slave
tFTXES
4—
15
ns
SC2 high to STD valid (first bit) - Slave
tFTXVS
4—
15
ns
SCK high to STD not valid - Slave
tTXNVS
4—
15
ns
SCK high to STD high impedance - Slave
tTXHIS
4—
15
ns
SRD Setup time before SC0 low - Slave
tSS
4—
—
ns
SRD Hold time after SC0 low - Slave
tHS
4—
—
ns
Synchronous Operation (in addition to standard external clock parameters)
SRD Setup time before SCK low - Slave
tTSS
4—
—
ns
SRD Hold time after SCK low - Slave
tTHS
4—
—
ns
1. Slave mode is externally generated clocks and frame syncs
2. Max clock frequency is IP_clk/4 = 60MHz / 4 = 15MHz for a 120MHz part.
3. All the timings for the ESSI are given for a non-inverted serial clock polarity (TSCKP=0 in SCR2 and RSCKP=0 in SCSR)
and a non-inverted frame sync (TFSI=0 in SCR2 and RFSI=0 in SCSR). If the polarity of the clock and/or the frame sync
have been inverted, all the timings remain valid by inverting the clock signal SCK/SC0 and/or the frame sync SC2/SC1 in
the tables and in the figures.
4. 50 percent duty cycle
5. bl = bit length; wl = word length
Table 4-12 ESSI Slave Mode1 Switching Characteristics (Continued)
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
Parameter
Symbol
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com