Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 53Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
56857 Technical Data, Rev. 6
50
Freescale Semiconductor
•
Take special care to minimize noise levels on the VDDA and VSSA pins.
•
When using Wired-OR mode on the SPI or the IRQx pins, the user must provide an external pull-up device.
•
Designs that utilize the TRST pin for JTAG port or Enhance OnCE module functionality (such as
development or debugging systems) should allow a means to assert TRST whenever RESET is asserted, as
well as a means to assert TRST independently of RESET. Designs that do not require debugging
functionality, such as consumer products, should tie these pins together.
•
The internal POR (Power on Reset) will reset the part at power on with reset asserted or pulled high but
requires that TRST be asserted at power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com