Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSP56857E Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
56857 Description
56857 Technical Data, Rev. 6
Freescale Semiconductor
5
•
8-bit Parallel Host Interface*
•Time of Day
•Up to 47 GPIO
* Each peripheral I/O can be used alternately as a General Purpose I/O if not needed
1.1.4
Energy Information
•
Fabricated in high-density CMOS with 3.3V, TTL-compatible digital inputs
•
Wait and Stop modes available
1.2 56857 Description
The 56857 is a member of the 56800E core-based family of controllers. It combines, on a single chip, the
processing power of a Digital Signal Processor (DSP) and the functionality of a microcontroller with a
flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost,
configuration flexibility, and compact program code, the 56857 is well-suited for many applications. The
56857 includes many peripherals that are especially useful for low-end Internet appliance applications
and low-end client applications such as telephony; portable devices; Internet audio; and point-of-sale
systems, such as noise suppression; ID tag readers; sonic/subsonic detectors; security access devices;
remote metering; sonic alarms.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming
model and optimized instruction set allow straightforward generation of efficient, compact DSP and
control code. The instruction set is also highly efficient for C Compilers, enabling rapid development of
optimized control applications.
The 56857 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56857 also provides two external
dedicated interrupt lines, and up to 47 General Purpose Input/Output (GPIO) lines, depending on
peripheral configuration.
The 56857 controller includes 40K words of Program RAM, 24K words of Data RAM and 1K of Boot
ROM.
This controller also provides a full set of standard programmable peripherals that include 8-bit parallel
Host Interface, Two Enhanced Synchronous Serial Interfaces (ESSI), one Serial Peripheral Interface (SPI),
two Serial Communications Interfaces (SCI), and one Quad Timer. The ESSIs, SPI, SCIs IO and Quad
Timer can be used as General Purpose Input/Outputs when its primary function is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com