Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Serial Communication Interface (SCI) Timing
56857 Technical Data, Rev. 6
Freescale Semiconductor
41
Figure 4-27 Slave Mode Clock Timing
4.11 Serial Communication Interface (SCI) Timing
Table 4-13 SCI Timing4
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
Characteristic
Symbol
Min
Max
Unit
Baud Rate1
1. fMAX is the frequency of operation of the system clock in MHz.
BR
—
(fMAX)/(32)
Mbps
RXD2 Pulse Width
2. The RXD pin in SCI0 is named RXD0 and the RXD pin in SCI1 is named RXD1.
RXDPW
0.965/BR
1.04/BR
ns
TXD3 Pulse Width
3. The TXD pin in SCI0 is named TXD0 and the TXD pin in SCI1 is named TXD1.
4. Parameters listed are guaranteed by design.
TXDPW
0.965/BR
1.04/BR
ns
tTHS
tTSS
tHS
tSS
tRFSWLS
tRFSWHS
tRFBLS
tRFSBHS
tTXHIS
tTXNVS
tFTXVS
tTXVS
tFTXES
tTXES
tTFSWLS
tTFSWHS
tTFSBLS
tTFSBHS
tSCKL
tSCKW
tSCKH
First Bit
Last Bit
SCK input
SC2 (bl) input
SC2 (wl) input
STD
SC0 input
SC1 (bl) input
SC1 (wl) input
SRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com