Electronic Components Datasheet Search
  English  ▼

X  

DSP56857E Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # DSP56857E
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857E Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button DSP56857E Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56857E Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
Package and Pin-Out Information 56857
56857 Technical Data, Rev. 6
Freescale Semiconductor
47
Figure 5-2 100-pin LQPF Mechanical Information
Please see www.freescale.com for the most current case outline.
NOTES:
1.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DATUM PLANE -AB- IS LOCATED AT BOTTOM
OF LEAD AND IS COINCIDENT WITH THE
LEAD WHERE THE LEAD EXITS THE PLASTIC
BODY AT THE BOTTOM OF THE PARTING
LINE.
4.
DATUMS -T-, -U-, AND -Z- TO BE DETERMINED
AT DATUM PLANE -AB-.
5.
DIMENSIONS S AND V TO BE DETERMINED
AT SEATING PLANE -AC-.
6.
DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE
PROTRUSION IS 0.250 (0.010) PER SIDE.
DIMENSIONS A AND B DO INCLUDE MOLD
MISMATCH AND ARE DETERMINED AT
DATUM PLANE -AB-.
7.
DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSIONSHALL
NOT CAUSE THE D DIMENSION TO EXCEED
0.350 (0.014). DAMBAR CAN NOT BE LOCATED
ON THE LOWER RADIUS OR THE FOOT.
MINIMUM SPACE BETWEEN PROTRUSION
AND AN ADJACENT LEAD IS 0.070 (0.003).
8.
MINIMUM SOLDER PLATE THICKNESS
SHALL BE 0.0076 (0.003).
9.
EXACT SHAPE OF EACH CORNER MAY VARY
FROM DEPICTION.
AE
AE
AD
SEATING
(24X PER SIDE)
R
GAUGE PLANE
DETAIL AD
SECTION AE-AE
S
A
96X
X
E
C
K
H
W
D
F
J
N
9
DIM MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A 13.950 14.050
0.549
0.553
B
13.950 14.050
0.549
0.553
C
1.400
1.600
0.055
0.063
D
0.170
0.270
0.007
0.011
E
1.350
1.450
0.053
0.057
F
0.170
0.230
0.007
0.009
G
0.500 BSC
0.020 BSC
H
0.050
0.150
0.002
0.006
J
0.090
0.200
0.004
0.008
K
0.500
0.700
0.020
0.028
M
12 REF
12 REF
N
0.090
0.160
0.004
0.006
Q
1
5
1
5
R
0.150
0.250
0.006
0.010
S
15.950 16.050
0.628
0.632
V 15.950 16.050
0.628
0.632
W
0.200 REF
0.008 REF
X
1.000 REF
0.039 REF
°°
°°
°°
-T-
S
T-U
S
0.15 (0.006)
Z S
AC
-U-
S
T-U
S
0.15 (0.006)
Z S
AB
-Z-
-AC-
G
PLANE
-AB-
S
T-U
M
0.20 (0.008)
Z S
AC
0.100 (0.004) AC
Q°
M°
0.25 (0.010)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com