Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33389
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
The switches can be directly connected to VBAT or to V3. The
SBC must be properly configured by setting the bit WI2V3 in
the V3 register. In this case, wake-ups are only detected
when V3 is ON. It can take advantage of the V3 Cyclic Sense
feature. If both Cyclic Sense and Forced Wake-Up are
enabled by the SPI in the Sleep mode, only Cyclic Sense will
be active.
Options for Wake Input
Different conditions for wake-up can be chosen for wake-
up input pins (via SPI in the Wake-Up Input Control Register
(WUICR).
• No Wake-Up— Wake-ups are not detected whatever
occurs on wake-up inputs.
• High-State—If the input pin voltage is above the detection
threshold during more than a 20
µs filter time, a wake-up
is detected. A flag is set in the WUISR.
• Low-State—If the input pin voltage is below the detection
threshold during more than a 20
µs filter time, a wake-up
is detected. A flag is set in the WUISR.
• Change of state—Each change of the wake-up input pin is
considered as a wake-up if it lasts more than a 20
µs filter
time. The first reference state (no wake-up) is the wake-up
input state when the SBC is programmed to this option. A
flag is set in the WUISR.
• Multiple Sampling Events—When wake-up inputs are
used with V3 in Cyclic Sense in the Sleep mode.
For positive edge sensitivity, two samples Low followed by
two samples High are necessary to validate the wake-up
condition.
For negative edge sensitivity, two samples High followed
by two samples Low are necessary to validate the wake-up
condition.
For both edge sensitivity, two samples at a given state
followed by two samples in the opposite state are necessary
to validate the wake-up condition.
Wake-Up Inputs with Cyclic Sense
Connecting the external switches to V3 allows power
saving because V3 can be programmed to be active, passive,
or cyclic (Cyclic Sense). This provides great flexibility
reducing total power consumption while allowing full wake-up
capabilities. Cyclic Sense is available only in the Sleep mode.
The period of the Cyclic Sense can be chosen out of eight
different timings: 32 ms, 64 ms, 128 ms, 256 ms, 512 ms,
1024 ms, 2048 ms, and 8192 ms programmable via SPI in
the CYTCR register. Once activated, V3 remains ON during
400
µs. The wake-up inputs states are sampled at 300 µs.
Figure 10. V3 Timing
Note: In Sleep mode, the Cyclic Sense feature
‘EXCLUSIVE OR’ the forced Wake-Up is chosen (not both).
Figure 11. Cyclic Sense Timing
Wake-Up Inputs with Permanent Sense
Wake-up detection can also be accomplished in a
permanent way in Normal and Stand-by modes. If the
contacts are connected to V3, wake-ups are only detected if
V3 is ON.
Wake-ups are also detected in a permanent way in the
Sleep mode if the contacts are directly connected to VBAT (if
they are connected to V3, only Cyclic Sense is available in
Sleep mode).
300 µs
400 µs
V3
Passive
Active
Cyclic Sense Programmable Period
Wake-Up Inputs Sample Point
1
1
1
0
0
0
0
1
1
Actual State (read)
Memory State
INT (Wake-Up Active = 0)
0
80 ms
160 ms
V3
Wake-Up
Switch Status
V(L1)
Read L1
INT
(t0)
(t1)
OPEN
CLOSED
Read
Setup
400
µs
300
µs
Sample Point (80%)
Cyclic Sense connected to wake-up inputs. Example: with wake-up input L1
sensitivity to Low state and timing = 80 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com