Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33389 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Document Number: MC33389
Rev. 5.0, 3/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
System Basis Chip with Low
Speed Fault Tolerant CAN
The 33389 is a monolithic integrated circuit combining many
functions frequently used by automotive Engine Control Units (ECUs).
It incorporates a low speed fault tolerant CAN transceiver.
Features
• Dual Low Drop Voltage Regulators, with Respectively 100 mA and
200 mA Current Capabilities, Current Limitation, and Over
Temperature Detection with Pre-warning
• 5.0 V Output Voltage for V1 Regulator
• Three Operational Modes (Normal, Stand-by, and Sleep Modes)
Separated from the CAN Interface Operating Modes
• Low Speed 125 kBaud Fault Tolerant CAN Interface, Compatible
with 33388 Stand Alone Physical Interface
• V1 Regulator Monitoring and Reset Function
• Three External High Voltage Wake-Up Inputs, Associated with V3
VBAT Switch
• 100 mA Output Current Capability for V3 VBAT Switch Allowing Drive
of External Switches or Relays
• Low Stand-by and Sleep Current Consumption
•VBAT Monitoring and VBAT Failure Detection Capabilities
• DC Operating Voltage up to 27 V
• 40 V Maximum Transient Voltage
• Programmable Software Window Watchdog and Reset
• Wake-Up Capabilities (CAN Interface, Local Programmable
Cycle Wake
• INterface with the MCU through the SPI
• Pb-Free Packaging Designated by Suffix Codes VW and EG
Figure 1. 33389 Simplified Application Diagram
SYSTEM BASIS CHIP
DH SUFFIX
VW SUFFIX (PB-FREE)
PLASTIC PACKAGE
98ASH70273A
20-PIN HSOP
33389
DW SUFFIX
EG SUFFIX (PB-FREE)
PLASTIC PACKAGE
98ASB42345B
28-PIN SOICW
SPI
MOSI
SCK
MISO
CS
5.0 V
5.0 V
VPWR
Switched VBAT
MCU
Wake-Up Inputs
CAN Bus
Twisted
Pair
33389
V2
V1
INT
RST
MOSI
SCK
MISO
CS
TX
RX
GND
VBAT
V3
L0
L1
L2
CAN H
CAN L
RTH
RTL
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33389CDH/R2
-40 to 125°C
HSOP-20
MC33389CVW/R2
MC33389CDW/R2
SO-28
MC33389DDW/R2


Similar Part No. - 33389

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3338 KR-3338 Datasheet
117Kb / 3P
KR Electronics part number 3338 is a 968 MHz highpass filter
logo
Heyco.
3338 HEYCO-3338 Datasheet
85Kb / 1P
Tension Wire Clips - Vinyl U Style
logo
Aptiv
33384128 APTIV-33384128 Datasheet
782Kb / 2P
APEX® 1.2 SensoMate™ SERIES
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
Quad Low-side Driver
logo
STANLEY ELECTRIC CO.,LT...
3338S STANLEY-3338S Datasheet
411Kb / 33P
Single Color ?3 Round Shape Type
More results

Similar Description - 33389

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Aug-2003
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33889 FREESCALE-33889 Datasheet
2Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
System voltage regulator with fault tolerant low speed CAN transceiver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com