Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33389
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONTROL INTERFACE (CONTINUED)
RX, INT, MISO High Level Output Voltage
I0 = -250 µA
VOH
V1 - 0.9
—
V1
V
RX, INT, MISO Low Level Output Voltage
I0 = -1.5 mA
VOL
0.0
—
0.9
V
RX, INT, MISO Tri-Stated SO Output Current
0 V < VSO < V1
IZ
-2.0
—
+2.0
µA
RST High Level Input Voltage
VIH
0.7 V1
—
V1 + 0.3 V
—
RST Low Level Input Voltage
VIL
-0.3
—
-0.3 V1
V
RST High Level Output Current 1
0.0 < VOUT < 0.5 V1
IRSTH1
-50
-30
-10
µA
RST High Level Output Current 2
0.5 < VOUT < V1
IRSTH2
—
-300
—
µA
RST Low Level Output Voltage (I0 = 1.5 mA)
1.0 V < VBAT < 27 V
VRST
0.0
—
0.9
V
LX/Wake-Up Positive Switching Threshold
6.0 V <VBAT < 16 V
VWUP
3.0
3.7
4.5
V
LX/Wake-Up Negative Switching Threshold
6.0 V <VBAT < 16 V
VWUN
2.5
3.0
3.8
V
LX/Wake-Up Hysteresis
6.0 V <VBAT < 16 V
VHYS
—
700
—
mA
LX/Wake-Up Leakage Current 0 < VWU < VBAT
ILXWU
-5.0
—
+5.0
µA
LX Input Current at 40 V
VIN
—
350
600
µA
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions VBAT, -40°C ≤ TA ≤ 125°C unless otherwise noted. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com