Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33389
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
This register configures the state of V3 high-side switch in Normal and Stand-by modes, and the V3 operation and the Forced
wake-up or the cyclic sense option for the sleep mode operation.
In low power modes, cyclic sense has priority. A reset of the register occurs when RST = low.
This register is used to select the cyclic sense or force wake-up timing.
Table 18. Mode Control Validating Register (MCVR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MCVR
$003
R
MSVR2
MSVR1
MSVR0
W
MCR2
MCR1
MCR0
RESET
—
—
—
—
—
0
0
0
Table 19. MCR and MCVR Bit Definition
MC(V)R2
MC(V)R1
MC(V)R0
—
MSR2
MSR1
MSR0
Automatically Entered After Reset
Normal Request
0
0
0
0
0
1
Normal
0
0
1
0
1
0
Stand-by
0
1
0
1
0
0
Sleep
1
0
0
1
1
1
Emergency
1
1
1
Table 20. V3 Control Register (V3R)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
V3R
$005
R
WI2V3
FWU
CYS
V3R0
W
RESET
—
—
—
—
1
0
0
0
Table 21. V3R Bit Definition
WI2V3
FWU
CYS
V3R0
—
Comments
x
0
0
0
V3 OFF
Only in Normal and Stand-by Mode
Available
x
0
0
1
V3 ON
x
x
1
x
Cyclic Sense ON
—
x
1
0
x
Forced Wake-Up ON
Only in Sleep Mode Available
1
x
x
x
Wake-Up Inputs Linked to V3
Table 22. Cyclic Timing Control Register (CYTCR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CYTCR
$006
R
CYTCR2
CYTCR1
CYTCR0
W
RESET
—
—
—
—
—
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com