Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33389
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
BUS TRANSMITTER (CONTINUED)
AC Failure 4, 7, and 8 Recovery Time
Bus Normal Mode
tAC478R
10
—
60
µs
AC Failure 3, 4, and 7 Detection Time
Bus Stand-by Mode, VBAT = 12 V
tAC347D
0.8
—
8.0
ms
AC Failure 3, 4 and 7 Recovery Time
Bus Stand-by Mode, VBAT = 12 V
tAC347R
—
2.5
—
ms
AC Edge Count Difference Between CANH/CANL for Failures 1, 2, 5 Detection
Bus Normal Mode
CAN125D
—
3.0
—
—
AC Edge Count Difference Between CANH/CANL for Failures 1, 2, 5 Recovery
Bus Normal Mode
CAN125R
—
3.0
—
—
TX Permanent Dominant Timer Disable Time
Bus Normal and Failure Modes
tTXD
0.75
—
4.0
ms
POWER INPUT TIMING
V1 Reset Delay Time
tD
2.0
—
20
µs
V1 Line Regulation
9.0 V < VBAT < 16.5, ILOAD = 10 mA
tD
-15
2.0
+15
mV
V1 Line Regulation
5.5 V < VBAT < 27 V ILOAD = 10 mA
tD
-50
10
+50
mV
V1 Load Regulation
1.0 mA < ILOAD < 100 mA
tD
-50
—
+50
mV
V1 Line Ripple Rejection
100 Hz, 1.0 VPP on VBAT = 12 V, ILOAD = 100 mA (12)
tD
30
55
—
dB
V1 Line Transient Response
VBAT from 12 V to 40 V in 1.0 µs, (10 µF, ESR = 3 Ω)
tD
—
27
—
mV
V1 Load Transient Response
ILOAD from 10 µA to 100 mA in 1.0 µs (CLOAD = 10 µF, ESR = 3 Ω) (13)
tD
—
400
—
mV
V1 Load Transient Response
ILOAD from 10 µA to 100 mA in 1.0 µs (CLOAD = 10 µF, ESR= 0.1 Ω)
tD
—
16
—
mV
Notes
12.
Guaranteed by design. Not production tested.
13.
This condition does not produce a reset
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com