Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33389
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (CONTINUED)
V2 Percentage Difference V2-V1
VBAT > 9.0, IV1 = 20 mA, IV2 = 40 mA
V2V2-V1
-3.0
—
3.0
%
V3 High Level Voltage Drop
IV3 = -50 mA, 9.0 V < VBAT < 40 V
V3DROP
—
0.4
1.0
V
V3 High Level Voltage Drop
IV3 = -50 mA, 6.0 V < VBAT < 9.0 V
V3DROP
—
—
1.5
V
V3 Leakage Output Limitation
5.5 V < VBAT < 27 V
I3LIM
100
150
250
mA
V3 Leakage Current
V3 = 0 (V3 OFF)
I3LEAK
—
—
15
µA
V3 Overtemperature Detection
Junction Temperature
TV3
155
—
185
°C
V3 Voltage with -30 mA (negative current for Relay Switch OFF)
No Functional Error Allowed for t < 100 ms
VV3
0.3
—
0.5
V
CAN Transceiver V2 for Forced Bus Stand-by Mode (Fail Safe)
VRC2
3.0
3.9
4.7
V
CANH/L Differential Receiver, Threshold Voltage
VCANTH
-3.2
—
-2.5
V
CANH/L Differential Receiver, Dominant to Recessive Threshold
(Bus Failures 1, 2, and 5)
VCANDRTH
-3.2
—
-2.5
V
CANH Recessive Output Voltage
TX = High, R(RTH) < 4.0 k
VCANH
—
—
0.2
V
CANL Recessive Output Voltage
TX = High, R(RTH) < 4.0 k
VCANL
V2-0.2
—
—
V
CANH Output Voltage, Dominant
TX = 0 V, BusNormal Mode, ICANH = - 40 mA
VCANH
V2-1.4
—
—
V
CANL Output Voltage, Dominant
TX = 0 V, Bus Normal Mode, ICANL = - 40 mA
VCANL
—
—
1.4
V
CANH Output Current Limit
(VCANH = 0.0 V, TX = 0)
ICANH
50
75
100
mA
CANL Output Current Limit
(VCANL = 14 V, TX = 0)
ICANL
50
95
130
mA
Detection Threshold for Short Circuit to Battery Voltage
Bus Normal Mode
VCANH-VCANL
7.3
7.9
8.9
V
Detection Threshold for Short Circuit to Battery Voltage
Bus Stand-by Mode
VCANH
VBAT/2+3
—
VBAT/2+5
V
CANH Output Current, Failure 3
Bus Stand-by Mode VCANH = 12 V
ICANHF3
—
5.0
10
µA
CANL Output Current, Failure 4
Bus Stand-by Mode, VCANL = 0.0 V, VBAT = 12 V
ICANLF4
—
0.0
2.0
µA
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions VBAT, -40°C ≤ TA ≤ 125°C unless otherwise noted. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com