Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33389
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 17. SPI Communication Format
The SBC is accessible via the SPI interface in the Normal
Request mode, Normal mode, and Stand-by mode. In all
other modes (Sleep mode, Emergency mode), the voltage
supply for the microcontroller in permanently switched OFF
and the SBC input logic for MISO, MOSI, CS and SCLK isn’t
working (except SPI wake-up function in the Sleep mode).
Writing Data
To write data in a SPI register there are two, one-byte
transmissions to be performed. The first byte contains the
address of the register (MSB first) and the read/write bits
must be set to one. The second byte contains the new data
addressed by the previous byte (MSB first) and the parity
information. The calculation of the parity field P3-P0 has to
follow the equations:
Note: During the transmission of the two bytes the CS pin
remains 0. Please see Figure 18
Figure 18. Microcontroller SPI Writing Data
The SBC sends back the old address, R/W, parity, and
data information from a previous transmission. This data
contains no useful information (e.g. status). It shouldn’t be used.
In case of a wrong address field or parity mismatch, an
interrupt will be issued and the SBC retains the old state.
Reading Data
To read data from a dedicated register two, one-byte
transmissions have to be performed. The first byte contains
the address of the register (MSB first) and the read/write flags
setting to zero. The second byte needn’t contain valid data,
nevertheless, the parity calculation has to performed to avoid
an interrupt caused by a parity mismatch.
During a read operation the SBC sends back the old
address and R/W bits and the new data addressed by the first
transmitted byte starting with P3 after the last valid read/write
bit has been received.
Note: During the transmission of the two bytes the CS pin
remains zero.
A5 A4 A3 A2 A1 A0
D3 D2 D1 D0
P3 P2 P1 P0
RW
RW
Bit14 Bit13 Bit12 Bit11 Bit10 Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit15
address + R/W
data
parity
MOSI
MISO
P3 = D3
⊕ D0
(EX - OR)
P2 = D3
⊕ D2
P1 = D2
⊕ D1
P0 = D1
⊕ D0
A5 A4 A3 A2 A1 A0
D3 D2 D1 D0
P3 P2 P1 P0
RW
RW
A3 A2 A1 A0
1
1
A5 A4
SBC SPI Data Register
Bit14 Bit13 Bit12 Bit11 Bit10 Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit15
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
HC08/12 SPI Data Register
old address + R/W
old data
old parity
new address + R/W (1st byte)
new data + parity (2nd byte)
D3 D2 D1 D0
P3 P2 P1 P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com