Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Analog Integrated Circuit Device Data
42
Freescale Semiconductor
33389
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 22. Typical Application Schematic 1
Figure 23. Typical Application: V3 Used as Auxiliary
ECU Supply
Figure 24. Reset Duration Extension
V1
VBAT
V2
RST
INT
CS
MISO
MOSI
SCK
TX
RX
CANH
CANL
RTL
RTH
V3
L0
L1
L2
C3
C4
C5
C6
C1
C2
Rp0
RL
RH
GND
GND
CAN
SPI
VDD
INT
RESET
Auxiliary 5V
Auxiliary 12V
S0
Rs0
CL0
Rp1
S1
Rs1
CL1
Rp2
S2
Rs2
CL2
Ignition
CAN bus
33389
VBAT
V3
L0
L1
L2
C1
C2
Rp0
GND
Auxiliary
S0
Rs0
CL0
Rp1
S1
Rs1
CL1
Rp2
S2
Rs2
CL2
Ignition
switch
local 12V
33389
V1
RST
C3
C4
Vdd
reset
33389
Cr
Micro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com