Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
33389
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
This register controls the state of the CAN transceiver (CAN transceiver is also dependent upon the SBC mode). When it is
read, this register reports the CAN transceiver state and a CAN over temperature condition.
Table 46. Transceiver Control/Status Register (TCR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCR
$024
R
TOT
TSR2
TSR1
TSR0
W
TCR2
TCR1
TCR0
RESET
—
—
—
—
0
0
0
0
Table 47. TCR / TSR Data
TCR2
TCR1
TCR0
Description
TSR2
TSR1
TSR0
0
0
0
Standard/Term VBAT
0
0
0
0
1
0
Standard/Rx Only
0
1
0
0
1
1
Standard/RxTx
0
1
1
TOT
1 = > Transceiver over temperature
0 = > Normal temperature
The MODE bit selects between the standard and extended physical layer mode. Any conditions forcing the transceiver to Term VBAT lead to
reset of TCR0 and TCRO1 bits. After power-ON reset all bits of the register are set to 0. The information TOT is latched. Reset TOT by read-
ing the TCR. In case of RST = Low, the register content remains unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com