Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33389 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33389
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33389 Pin Connections
Table 1. 33389 Pin Definitions: HSOSP 20-Lead
A functional description of each pin can be found in the Functional Pin Description section beginning on page 17.
Pin Number
Pin Name
Formal Name
Definition
1
TX
Transmitter Data
Transmitter input of the LS CAN interface
2
V1
Voltage Regulator One This 5.0 V pin is a 3% low drop voltage regulator dedicated to the microcontroller supply.
3
RX
Receiver Data
Receiver output of the LS CAN interface
4
RST
Reset
This is an Input/Output pin.
5
INT
Interrupt Output
This output is asserted LOW when an enabled interrupt condition occurs.
6
MISO
Master In/Slave Out
This pin is the tri-state output from the shift register.
7
MOSI
Master Out/Slave In
This pin is for the input of serial instruction data.
8
SCLK
System Clock
This pin clocks the internal shift registers.
9
CS
Chip Select
This pin communicates with the system MCU and enables SPI communication.
10 - 12
L0 - L2
Level 0 - 2 inputs
(L0: L2)
Input interfaces to external circuitry. Levels at these pins can be read by SPI and input
can be used as programmable wake-up input in Sleep or Stop mode.
13
RTH
RTH
Pin for the connection of the bus termination to CANH
14
CANL
CAN Low
CAN low input/output
15
GND
Ground
This pin is the ground of the integrated circuit.
16
CANH
CAN High
CAN high input/output
17
V2
Voltage Regulator Two This 5.0 V pin is a low drop voltage regulator dedicated to the peripherals supply.
18
RTL
RTL
Pin for the connection of the bus termination to CANL
19
VBAT
Voltage Battery
This pin is voltage supply from the battery.
20
V3
Voltage Regulator
Three
This pin is a 10
Ω switch to V
BAT, used to supply external contacts or relays.
V3
TX
VBAT
RTL
V2
CANH
GND
CANL
RTH
L0
L1
V1
INT
MISO
MOSI
SCLK
CS
L2
RX
RST
1
2
3
4
5
6
7
8
9
10
20
19
16
15
14
13
12
11
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com