Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33389
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 15. Current vs Temp and Batt Voltage
LOGIC COMMANDS AND REGISTERS
SPI Introduction
This SPI system is flexible enough to communicate directly
with numerous standard peripherals and MCUs available
from Motorola and other semiconductor manufacturers. SPI
reduces the number of pins necessary for input/output on the
33389. The SPI system of communication consists of the
MCU transmitting, and in return, receiving one data bit of
information per clock cycle. Data bits of information are
simultaneously transmitted by one pin, Microcontroller Out
Serial In (MOSI), and received by another pin, Microcontroller
In Serial Out (MISO), of the MCU. Figure 16 illustrates the
basic SPI configuration between an MCU and one 33389.
The SPI serial operation is guaranteed to 2.0 MHz.
Figure 16. SPI Interface with Microcontroller
CS PIN
The system MCU selects the MC33389 to be
communicated with, through the use of the CS pin. Whenever
the pin is in logic low state, data can be transferred from the
MCU to the MC33389 and vice versa. Clocked-in data from
the MCU is transferred from the MC33389 shift register and
latched into the addressed registers on the rising edge of the
CS signal if the read/write bit is set and the parity check was
successful.
The CS pin controls the output driver of the serial output
pin. Whenever the CS pin goes to a logic low state, the MISO
pin output driver is enabled allowing information to be
transferred from the MC33389 to the MCU. To avoid any
spurious data, it is essential that the high-to-low transition of
the CS signal occur only when SCLK is in a logic low state.
SCLK PIN
The system clock pin (SCLK) clocks the internal shift
registers of the MC33389. The serial input pin (MOSI)
accepts data into the input shift register on the falling edge of
the SCLK signal while the serial output pin (MISO) shifts data
information out of the shift register on the rising edge of the
SCLK signal. False clocking of the shift register must be
avoided to guarantee validity of data. It is essential that the
SCLK pin be in a logic low state whenever chip select bar pin
(CS) makes any transition. For this reason, it is
recommended though not necessary, that the SCLK pin be
kept in a low logic state as long as the device is not accessed
(CS in logic high state). When CS is in a logic high state, any
signal at the SCLK and MOSI pin is ignored and MISO is
tristated (high impedance).
MOSI PIN
This pin is for the input of serial instruction data. MOSI
information is read in on the falling edge of SCLK. To
program the MC33389 by setting appropriate programming
registers, an sixteen bit serial stream of data is required to be
40
100
60
120
80
140
16 V
TEMPERATURE (°C)
-50
0
50
100
150
-25
25
75
125
160
180
12 V
6.0V
MOSI
CS
SCLK
MISO
MOSI
MISO
MC68HCXX
33389



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com