Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33389
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (CONTINUED)
V1 Output Current Limitation
V1NOM - 100 mV
I1MAX
130
170
200
mA
V1 Overtemperature Shut OFF Threshold
Junction Temperature
TV1H
160
—
190
°C
V1 Pre-Warning Temperature Threshold
Junction Temperature
TV1L
130
—
160
°C
V1 Temperature Threshold Difference
TV1H-TV1L
20
—
40
°C
V1 Reset Threshold on V1
5.5 V < VBAT < 27 V
(C Version)
(D Version)
VR1
4.1
V2 - 0.4
4.3
V1 - 0.28
4.8
V1 - 0.1
V
V1 Reset Active V1 Range
V1R
1.0
VR1
—
V
V1 Reverse Current from V1 to VBAT and GND
V1 = 4.9 V, 0 < VBAT < 4.9 V
IREV
—
—
1.0
mA
V2 Output Voltage
0 mA < IOUT < 200 mA 5.5 V < VBAT < 40 V
V2NOM
4.75
5.0
5.25
V
V2 Drop Voltage
IOUT = 200 mA
(7)
V2DROP
—
0.2
0.5
V
V2 Drop Voltage
IOUT = 20 mA
(7)
V2DROP
—
0.05
0.15
V
V2 Output Current Limitation
V2NOM -100 mV
I1MAX
220
280
350
mA
V2 Threshold on V2 to Report V2 OFF
V2 Nominal
VR2
4.1
4.55
4.75
V
VR2 Delay Time
VR2
20
—
70
µs
V2 Overtemperature Pre-Warning Threshold
V2 Junction Temperature
TV2L
130
—
160
°C
V2 Overtemperature Switch-OFF Threshold
V2 Junction Temperature
TV2H
155
—
185
°C
V2 Line Regulation
9.0 V < VBAT < 16.5
V2LR1
-15
—
+15
mV
V2 Load Regulation
4.0 mA < ILOAD < 200 mA
V2LR2
-75
—
+75
mV
V2 Line Ripple Rejection
100 Hz, 1.0 VPP on VBAT
(8)
V2LRR
30
55
—
dB
Notes
7.
Measured when V1 has dropped 100mV below its nominal value
8.
Guaranteed by design; however, it is not production tested
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions VBAT, -40°C ≤ TA ≤ 125°C unless otherwise noted. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com