Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33389
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions VBAT, -40°C ≤ TA ≤ 125°C unless otherwise noted. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VBAT)
Nominal VBAT Operating Range
VBAT
5.5
—
18
V
Functional VBAT Operating Range
VBAT
5.5
—
27
V
VBAT Threshold for BATFAIL Flag
BATFAIL
2.0
—
4.0
V
Delay for Signalling BATFAIL
TFAIL
—
150
400
µs
Overvoltage VBAT Threshold
BATHIGH
18
20
22
V
Delay for Setting BATHIGH Flag
THIGH
4.0
18
50
µs
Supply Current in Sleep Mode
Forced Wake-Up and Cyclic Sense Disabled
VBAT = 12 V, TJ = 25°C to 150°C
ISLEEP1
—
75
125
µA
Supply Current in Sleep Mode
Forced Wake-Up and Cyclic Sense Disabled
VBAT = 12 V, TJ = -40°C to 25°C
ISLEEP2
—
—
210
µA
Supply Current in Sleep Mode
Forced Wake-Up and Cyclic Sense Enabled
VBAT = 12 V, TJ = 25°C to 150°C
ISLEEP3
—
105
155
µA
Supply Current in Sleep Mode
Forced Wake-Up and Cyclic Sense Enabled
VBAT = 12 V, TJ = -40°C to 25°C
ISLEEP4
—
—
250
µA
Supply Current in Sleep Mode
Forced Wake-Up and Cyclic Sense Disabled
VBAT = 12 V, TJ = 25°C to 150°C
ISLEEP5
—
—
300
µA
Supply Current in Stand-by Mode
ISTB2
—
0.5
1.0
mA
Supply Current in Normal Mode
Normal Mode with I(V1) = 1 I(V2) = 0
Bus in Recessive State
INREC
—
3.5
7.0
mA
POWER OUTPUT
V1 Output Voltage
0 mA < IOUT < 100 mA
5.5 V < VBAT < 27 V
V1NOM
4.85
5.0
5.15
V
V1 Output Voltage
IOUT =< 100 mA
27 V < VBAT < 40 V
V1
4.8
5.0
5.2
V
V1 Drop Voltage
IOUT =< 100 mA
(6)
V1DROP
—
0.35
0.5
V
Notes
6.
Measured when V1 has dropped 100mV below its nominal value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com