Electronic Components Datasheet Search
  English  ▼

X  

33389 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33389 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33389 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33389 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33389
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
This register configures the wake-up level for the L0, L1, and L2 inputs. It reports the CAN wake-up and SPI (CS) wake-up
events during the Read operation.
This register reads back the wake input (L0, L1, L2) causing the SBC to wake-up.
Table 27. GSLR Bit Definition
GSLR1
GSLR0
Typical Ground Shift Level
0
0
0.7 V
0
1
-1.2 V
1
0
-1.7 V
1
1
-2.2 V
SHIFT
1 = Ground shift above the threshold selected by GSLR1 and GSLR2
0 = No ground shift
The SHIFT information is latched until a read operation of the GSLR register occurs. The GSLR register is set to 0 after power-ON
reset. A reset of GSLR1 and GSLR0 occurs when RST = Low.
TXDOM
0 = No failure on TX
1 = TX permanent dominant
Table 28. Wake-Up Input Control Register (WUICR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WUICR
$00C
R
SPIWU
BUSWU
WUCR1
WUICR0
W
RESET
—
—
—
—
0
0
0
0
Table 29. WUICR Bit Definition
WUICR1
WUICR0
Description
0
0
Wake-Up Inputs Disabled
0
1
Positive Edge Sensitive
1
0
Negative Edge Sensitive
1
1
Positive and Negative Sensitive
Table 30. WUICR Bit Definition
SPIWU
BUSWU
Description
0
0
No Wake-Up Events
0
1
Wake-Up Event on CAN Bus
1
0
Wake-Up Event on SPI Bus
The information is SPIWU and BUSWU is latched. Bits SPIWU and BUSWU will be reset by a read operation of the WUICR
register and are set to 0 after a power-ON reset. A reset of WUICR1 and WUICR0 occurs when RST = Low.
Table 31. Wake-Up Input Status Register (WUISR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WUISR
$00F
R
WUISR2
WUISR1
WUISR0
W
RESET
—
—
—
—
—
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com