Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 12Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 13Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 14Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 15Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 16Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 17Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 18Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 19Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
Twisted Pair Cable
Strippers
Phone 800.272.8665
14
www.paladin-tools.com
solutions
Combo UTP/Coax SureStrip™
The Combo UTP/Coax SureStrip™ is the perfect
tool for smart home installations! Coax pre-set
for 2-level compression “F”, RCA & BNC & hex crimp
cable TV “F” strips. Thumb screw adjusts stripping
blade depth for UTP/STP insulations. Blade self
regulates to prevent nicks.
Specifications:
■ Professional all-in-one cutter/stripper for coaxial and
twisted pair cables
■ Cuts and strips multiple cable types:
■
Coax: RG6, RG6 Quad and RG59
■
Twisted Pair (UTP/STP): Cat6, Cat5e and Cat5
Features and Advantages:
■ Easy-to-use combination cutter/stripper
■ Adjustable stripping blade for UTP/STP;
accommodates different insulation thicknesses
without damaging conductors
■ Self-regulating cassette blade prevents nicks
■ Coax blade cassette is removable to adjust stripping
depth of both blades with hex key included.
(Note: Hex key stores securely in bottom of tool)
■ Contoured finger grips for cutting power
■ Lanyard hole for wrist strap, key chain, etc
■ One-year warranty
Technical
Weight
2.5 oz. (71 g)
Length
4.53" (115 mm)
Ordering
Part Number
Combo UTP/Coax SureStrip™
1119
Coax Blade Cassette
2119
UTP Cut/Strip Blade
2120
Data SureStrip™
This multi-purpose tool is a universal, easy-to-use cable
cutter and stripper for data, telephone and network
installations. It also works with standard wire and can
be used with coaxial cable by adjusting the blade for
various strip depths.
Specifications:
■ Cuts and strips multiple cable types:
■
4-, 6- and 8-conductor flat satin cables
■
4-, 6- and 8-conductor UTP/STP data cables
■
25-pair UTP/STP data and telephone cables
■
Multi-conductor round bundled cables with a
maximum diameter of .5" (12.7 mm)
■
14-8 AWG (2.5-75mm
2) wire
■ Nylon reinforced ABS plastic with stainless steel blade
Features and Advantages:
■ Fully adjustable with simple thumb screw
■ Self-regulating to prevent nicking
■ Contoured finger grips for power cutting
■ Lanyard holes for wrist straps or key chains
■ Small and compact, slips right into a pocket
■ Works left or right handed
■ One-year warranty
Technical
Weight
2 oz. (57 g)
Length
4.53" (115 mm)
Ordering
Part Number
Data SureStrip™
1116
2 TwistedPair 07 FINAL:54177_p030_057_out
10/18/07
4:17 PM
Page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com