Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 70Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 71Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 72Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 73Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 74Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 75Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 76Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 77Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
72
www.paladin-tools.com
solutions
Electrical & Industrial Cable
Multi-tool
Phone 800.272.8665
PowerPlay™ PT-525
24 Tools-In-One:
■ Needle Nose & Gripping Pliers
■ 110 & 66 Punchdown Tools
■ Romex® Wire Cutter
■ UTP Stripper
■ 6 Wire Strippers - 12/14/18/20/22/24 AWG
■ Drywall Punch & Saw
■ #4 & #6 Slotted Screwdrivers
■ #1 Phillips Screwdriver
■ 1/4" Square Drive with Hex Bit Adapter
■ SOG Serrated Knife
■ 3-in-1 File
■ Wire Hook & Spudger
■ Bottle Opener
■ Ruler
■ Leather Sheath included
■ Lifetime warranty
Technical
Weight
9.6 oz. (272 g)
Length (closed)
4.75" (121 mm)
Length (open)
7" (178 mm)
Ordering
Part number
PowerPlay™ PT-525
6510
PowerPlay™ PT-540
30 Tools-In-One:
■ Needle Nose and Gripping Pliers
■ 110 and 66 Punchdown Tools
■ UTP and Round Wire Stripper
■ Extra Large Wire Cutter – up to 10 AWG Romex®
■ Wire Cutter – up to Cat5e UTP cable
■ 7 Wire Strippers - 10/12/14/18/20/22/24 AWG
■ PowerLocks™ Secure Folding Components
■ Drywall Punch and Saw
■ Hard Wire Cutter Notch
■ 24-18 AWG Lug Terminal Crimpers
■ 18-14 AWG Lug Terminal Crimpers
■ Wire Hook and Spudger
■ #4 and #6 Slotted Screwdrivers
■ #1 Phillips Screwdriver
■ SOG Knife with ½ Serrated Blade
■ 3-in-1 File and Bottle Opener
■ 7/16” and 3/8” Nut Drivers
■ Ruler and Lanyard
■ Leather Sheath Included
■ Lifetime warranty
Technical
Weight
10.4 oz. (295 g)
Length (closed)
5" (127 mm)
Length (open)
7.5" (191 mm)
Ordering
Part number
PowerPlay™ PT-540
6520
Bits not
included
30
OL
S-IN-O
24
OL
S-IN-O
5 Electrical Industrial 07 FINAL:Layout 1
10/18/07
3:57 PM
Page 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com