Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 59Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 60Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 61Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 62Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 63Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 64Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 65Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 66Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 116 page
background image
61
solutions
www.paladin-tools.com
Kits
Coaxial Cable
Fax 800.272.5257
SealTite® Pro Cable TV “F” Kit
Tackle all of your compression crimping jobs with the
complete SealTite® Pro Kit! Includes all the tools you
need to prepare the cable and terminate any compression
connector using RG59, RG or RG6 Quad shield cables.
Kit Contains:
Quick
Description
Model
Reference
KT 8 round cable cutter
900265
pg. 48
LC CST CATV “F” coax stripper
1257
pg. 51
RG6/RG6 Quad shield flaring tool
1917
pg. 60
SealTite® Pro compression crimper
1555
pg. 58
RG6/RG6 Quad SealTite®
connectors (10)
N/A
pg. 61
■ One-year warranty on kits; individual warranties
apply to each tool
Technical
Weight
46 oz. (1.03 Kg)
Dimensions (in)
8" W x 4" L x 2" D
Dimensions (mm)
203 mm W x 102 mm L x 51 mm D
Ordering
Part Number
SealTite® Pro Kit
4910
*Note: kit is not available in retail packaging.
SealTite® Pro A/V Kit
Build custom-length component video and digital
and analog audio cables for smart home installa-
tions with this complete kit. Combined, these tools will
terminate all compression RCA, BNC and cable TV "F"
connectors using RG59, RG6 and RG6 Quad coaxial cable.
Kit Contains:
Quick
Description
Model
Reference
Combination UTP/Coax Data SureStrip
1119
pg. 48
SealTite Pro Compression Crimper
1555
pg. 48
6 BONUS RG6/RG6 QS Compression Connectors:
2 RCA
9714
pg. 62
2 BNC
9715
pg. 62
2 Cable TV "F"
9643
pg. 62
2 sets of color bands for RCA & BNC Connectors
N/A
■ One-year warranty on kits; individual warranties
apply to each tool
Technical
Weight
46 oz. (1.03 Kg)
Dimensions (in)
9.86" W x 9.25" L x 1.52" D
Dimensions (mm)
250 mm W x 235 mm L x 39 mm D
Ordering
Part Number
SealTite® Pro A/V Kit
4915
*Note: kit is not available in retail packaging.
4 Coax 07 FINAL r1:54177_p066_085_out
10/23/07
1:45 PM
Page 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com