Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 27Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 28Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 29Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 30Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 31Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 32Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 33Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 34Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
29
solutions
www.paladin-tools.com
All-in-One Phone & Data Tools
Our original Economy All-in-One tool taken to the next
level! The new tool now crimps modular plugs for data
and voice – including handset plugs. It also cuts & strips
round and flat communications cables. Available for
Western Electric (WE)/Stewart-Stamping (SS) or AMP-style
connectors.
■ 3 crimp profiles & 3 cutting/stripping functions
without changing tools or die sets
■ Crimps RJ45, RJ11/12 & RJ22 modular plugs
■ Easy terminations with advanced ratchet mechanism
■ Comfortable, rubber-embedded handles
■ Lifetime warranty
Technical
Weight
19 oz (525 g)
Length
8.07” (205 mm)
Ordering
Part number
All-in-One Phone & Data Tool (WE/SS)
1556
All-in-One Phone & Data Tool (AMP)
1557
Replacement blade kit
Call factory
1556
Network Tool Bundle
This new bundle provides the perfect solution for DIYers
that want to use professional tools or for small contractors
just starting out installing networks. It includes everything
you need but the cable to get the job done. Individual
warranties apply to each tool.
Bundle contains:
Description
Model
Data SureStrip® UTP/STP & flat satin cutter/stripper
1116
All-in-One Phone & Data Tool
1556
Non-impact 110 punchdown
3580
10, RJ45 Cat5e plugs
9546
10, RJ11 plugs
9520
Technical
Weight
18.4 oz. (39 g)
Length (in)
9.86" H x 9.25" W x 1.52" D
Length (mm)
250 mm H x 235 mm W x 38.6 mm D
Ordering
Part number
Network Tools Bundle
4909
Int’l Fax 001.804.550.0610
Crimpers
Twisted Pair Cable
2 TwistedPair 07 FINAL:54177_p030_057_out
10/18/07
4:18 PM
Page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com