Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 36Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 37Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 38Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 39Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 40Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 41Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 42Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 43Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
38
www.paladin-tools.com
solutions
DataReady™ PRO Kit
A complete data cable installation kit providing
everything to support the installer using commonly-
available connectors, and punchdown termination
blocks. All tools contained in a professional-quality,
soft-sided zipper case with heavy-duty wrist strap.
Kit Contains:
Quick
Description
Model
Reference
Data SureStrip™ UTP/STP
& flat satin cutter/stripper
1116
pg. 14
Untwist tool
1923
pg. 22
CrimpALL® Crimp Frame with
EZI-CHANGE™ thumb screws
8000
pg. 24
Die sets:
RJ45 WE/SS-style
2061
pg. 25
RJ11/12 WE/SS-style
2062
pg. 25
RJ22 Handset
2063
pg. 25
RJ45 AMP/Tyco-style
2064
pg. 25
RJ11 DEC-MMJ
2067
pg. 25
SurePunch® PRO punchdown tool
3589
pg. 19
SurePunch® PRO detachable
light & batteries
4599
pg. 19
Double 110 blade
4591*
pg. 20
110/66 blade
4571**
pg. 20
LAN ProNavigator® UTP/STP
continuity tester & remote
1543
pg. 30
* Replaced with 110 blade
** Replaced with Krone blade #4575
■ Lifetime warranty on kit; individual warranties apply
to each tool
Technical
Weight
4 lbs. (1.83 Kg)
Dimensions (in)
10 "W x 7.5" L x 2" D
Dimensions (mm)
254 mm W x 191 mm L x 51 mm D
Ordering
Part Number
DataReady™ PRO Kit
901378
DataReady™ PRO Kit - Krone
9013781
Premise Service Kit
Our biggest data, voice, and coaxial LAN installation kit
provides everything for twisted pair and coaxial cable
installation. All tools contained in a professional
blow-mold case complete with form-fitting foam.
Kit Contains:
Quick
Description
Model
Reference
KT 8 round cable cutter
900265
pg. 49
Data SureStrip® UTP/STP
& flat satin cutter/stripper
1116
pg. 14
LC CST CATV “F” coax stripper
1257*
pg. 52
CrimpALL® Crimp Frame with
EZI-CHANGE™ thumb screws
8000
pg. 24
Die sets:
RJ45 WE/SS-style & CATV “F”
2687**
pg. 25
RJ11/12 WE/SS-style
2062**
pg. 25
SurePunch® PRO punchdown tool
3589
pg. 19
SurePunch® PRO detachable light
& batteries
4599
pg. 19
110 blade
4572
pg. 20
66 blade
4573***
pg. 20
LAN ProNavigator® UTP/STP
continuity tester & remote
1543
pg. 30
LAN Cable-Check & Telecom Test set
1573
pg. 32
RJ45 8-way adapter
1902
pg. 31
(2) BNC-to-CATV “F” adapters
901074
pg. 30
* Replaced with LC CST-58/59 coax stripper #1255
** Replaced with RJ45 AMP-style & RG58/59 BNC/TNC die #2064, 2034
*** Replaced with BIX or Krone blade # 4574, 4575
■ Lifetime warranty on kit; individual warranties apply
to each tool
Technical
Weight
7.6 lbs. (3.5 Kg)
Dimensions (in)
17" W x 13.4" L x 4.5" D
Dimensions (mm)
432 mm W x 341 mm L x 115 mm D
Ordering
Part Number
Premise Service Kit
901039
Premise Service Kit - AMP/Krone
9010391
Premise Service Kit - AMP/BIX
9010392
Twisted Pair Cable
Kits
Phone 800.272.8665
Int’l Phone 001.804.550.1121
2 TwistedPair 07 FINAL:54177_p030_057_out
10/18/07
4:18 PM
Page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com