Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 91Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 92Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 93Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 94Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 95Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 96Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 97Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 98Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
93
solutions
www.paladin-tools.com
Ferrules
Electrical & Industrial Cable
Fax 800.272.5257
Insulated Ferrules
(RETAIL PACKAGING)
For ferrule dimensions,
see chart on page 104
Dual-Wire Ferrules (BULK)
Standard ferrules conform to use on AWG and DIN wire sizes.
DIN ferrules conform to use on DIN wire sizes only.
†
To convert millimeters (mm) to inches, use formula:
= XX inches
XXmm
25.4
20
9107
100 pieces of 69070
18
9129
100 pieces of 46290
18
9130
100 pieces of 46300
16
9131
100 pieces of 46310
14
9132
100 pieces of 901916
12
9133
100 pieces of 901920
10
9135
100 pieces of 53350
8
9142
100 pieces of 53420
6
9159
100 pieces of 56590
AWG
Part No.
Contents
20
9226
100 pieces of 28260
18
9225
100 pieces of 54250
18
9228
100 pieces of 28280
16
9265
100 pieces of 18650
14
9261
100 pieces of 18610
12
9241
100 pieces of 24410
10
9219
100 pieces of 19190
8
9293
100 pieces of 37930
6
9243
100 pieces of 12430
Color
orange
white
yellow
red
blue
gray
black
ivory
green
ød1
ød2
L1
L2
AWG
Part No.
Contents
Uninsulated Ferrules
(RETAIL PACKAGING)
For ferrule dimensions,
see chart on page 105
L1
0.5
20
14.6
8.2
1.4
5/3
500
H 0.5/15
0.75
18
14.6
8.2
1.7
5.5/3
500
H 0.75/15
0.75
18
16.4
10
1.7
5.5/3
500
H 0.75/17
1.0
18
15.0
8.0
2.0
5.8/3.2
500
H 1.0/15
1.0
18
19.0
12
2.0
5.8/3.2
500
H 1.0/20
1.5
16
15.8
8.2
2.3
6.5/3.6
500
H 1.5/16
2.0
16
19.6
12
2.3
6.5/3.6
500
H 1.5/20
2.5
14
18.5
10
2.9
8/4.5
250
H 2.5/18.5
2.5
14
20.5
12
2.9
8/4.5
100
H 2.5/20.5
4.0
12
22
12
3.5
9/5.2
100
H 4/22
These ferrules are packaged in tear-off perforated packs attached to a hanger.
* 5 packs of 50 each
** 5 packs of 20 each
*** 5 packs of 100 each
Misc.
Part No.
901857***
901858*
901859**
DIN
Part No.
900478***
901852***
900477***
901854***
900476***
900442***
900475***
900443*
900474**
900473**
Standard
Part No.
900444***
901851***
901853***
900441***
900443*
900474**
900473**
orange
white
yellow
red
blue
gray
white
gray
red
black
black
blue
gray
Nominal
wire size
(mm
2)
2 Wires/
Ferrule
AWG
Dimensions (mm)†
L1
L2
d1
A/B
Qty/
pkg.
Type
light blue
gray
orange
Technical Data:
DIN/VDE 46228 part 4
Contact: Tin-Plated Copper (E-Cu 57)
Heat resistant up to 230º F (110º C)
UL94 Flame Class HB
UL# 983438-002
Technical Data:
DIN/VDE 46228 part 4
Contact: Tin-Plated Copper (E-Cu 57)
Heat resistant up to 230º F (110º C)
UL94 Flame Class HB
UL# 983438-002
Technical Data:
DIN/VDE 46228 part 4
Contact: Tin-Plated Copper (E-Cu 57)
Heat resistant up to 230º F (110º C)
UL94 Flame Class HB
UL# 983438-002
L2
A
B
5 Electrical Industrial 07 FINAL:Layout 1
10/18/07
3:58 PM
Page 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com