Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 43Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 44Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 45Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 46Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 47Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 48Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 49Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 50Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
45
solutions
www.paladin-tools.com
Crimpers
Fiber Optic Cable
45
Fax 800.272.5257
Int’l Fax 001.804.0610
The 8000 Series CrimpALL® is designed with user satisfaction in mind.
This world-class crimp tool is designed for superior comfort and ease
of use. It is an exceptional value and uses the same die sets as our
1300 Series crimpers.
Features:
■ Ultra-smooth, fully ratcheting crimp cycle with built-in safety release
■ Interchangeable die sets of heat-treated steel for long life
■ Soft, rubber-embedded handles
■ Long-lasting tool that delivers over 50,000 crimp cycles
■ Rugged, double-plated jaw design to increase life span
■ Lifetime warranty
Advantages:
■ Angled head to prevent awkward wrist bending during operation
■ Reduced handle grip distance makes it easy for both small and large hands
■ Higher crimp force produced with less hand force so hand doesn’t tire as quickly
■ No breakover hand force – the effort required by most crimpers to make the last
click at the end of the cycle to complete the crimp – the CrimpALL® does the work!
■ Manufactured using the newest fine blanking technologies
■ EZI-Change™ die screws make changing dies quick and easy –
no screwdriver required
Technical
Weight
Length
CrimpALL® tool frame
21 oz. (600 g)
9.84" (250 mm)
Die set
2 oz. (57 g)
Ordering
Part number
CrimpALL® tool frame
8000
Replacement EZI-Change™ die screws (2)
2303
Replacement fixed die screws (2)
2306
Replacement handles
8000.9
CrimpALL® Series Crimpers
Rubber-embedded handles
make a comfortable,
non-slip grip
8017
No breakover force
Lanyard hole
Reduced grip
distance
EZI-Change™
Thumb Screws
Angled head
See pg.
47
for our 8000
Series Crimpers
& Die Sets
3 Fiber Optic 07 FINAL:FiberOptics_p058_065
10/19/07
9:22 AM
Page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com