Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 85Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 86Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 87Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 88Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 89Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 90Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 91Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 92Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
87
solutions
www.paladin-tools.com
D-sub Indent Crimp Tools
Crimping tool for 4- or 8-indent crimping of closed-barrel
D-sub contacts.
■ Comfortable handles for low-effort operation
■ 4-Indent crimper for AWG 26-20
(0.14-0.50 mm
2) D-sub contacts (P/N 1440)
■ 4-Indent crimper for AWG 20-12
(0.50-4.0 mm
2) D-sub contacts (P/N 1441)
■ 8-Indent crimper for AWG 26-20
(0.14-0.50 mm
2) D-sub contacts (P/N 1442)
■ Adjustable pin height locator
(P/Ns 1440 and 1442 only)
■ Lifetime warranty
Technical
Weight
11 oz. (312 g)
Ordering
Part Number
4-Indent D-sub crimper
(26-20 AWG)
1440
8-Indent D-sub crimper
(26-20 AWG)
1442
4-Indent D-sub crimper
(20-12 AWG)
1441
Not for use on hardened steel, brass or phosphor bronze contacts
Open Barrel D-Sub Contact Pin Crimper
Professional crimping tool for open-barrel D-sub contacts
with a wire range of 28-20 AWG (.08-0.50 mm
2)
■ Crimps standard D-sub contacts
■ Precision fixed dual-plate dies for crimp accuracy
■ Built-in contact locator
■ Durable steel construction for long life
■ Ergonomic handles for low-effort operation
■ Lifetime warranty
Technical
Weight
14 oz. (400 g.)
Crimp profile
Small:
28-24 AWG (.08-.20 mm2)
Medium:
22-20 AWG (.34-.50 mm2)
Ordering
Part Number
Open Barrel D-Sub Contact Pin Crimper
1646
Crimpers
Electrical & Industrial Cable
Int’l Fax 001.804.550.0610
5 Electrical Industrial 07 FINAL:Layout 1
10/18/07
3:58 PM
Page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com