Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 41Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 42Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 43Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 44Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 45Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 46Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 47Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 48Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
43
solutions
www.paladin-tools.com
Cutters
Strippers
Fiber Optic Cable
Fax 800.272.5257
AM 25 & 35 Slitters
Get the original tool designed for slitting cable insula-
tion! Strips and slits round cables with PVC, Teflon and
THHN insulations.* 2 models available: AM 25 for cable less
than 1" (2.5 mm) in diameter and AM 35 for cable sizes
1.0"– 1.4" (25-35mm).
■ Adjustable cutting depth for insulation up to
0.18" (4.5 mm) thick
■ Laser-trimmed, stainless-steel blade for long use
and precise slits
■ Blade swivels for circular, longitudinal and spiral cuts
■ Cable holding clip with integrated edge to remove
slit insulation
■ Blade storage in handle/spare blade included
■ Great tool for window slits
■ Perfect for armored cable
■ Lifetime warranty on tools; one-year on blades
AM 25 Technical
Weight
4.7 oz. (133 g)
Length
5.3" (135 mm)
Cable diameter
0.18"-1.0" (4.5-25 mm)
AM 35 Technical
Weight
5.0 oz. (141 g)
Length
5.5" (140 mm)
Cable diameter
1.0"-1.4" (25-35 mm)
Ordering
Part Number
AM 25
1820
AM 35
1821
Replacement blade
2109
* Not for polyethylene, polypropylene or XLP insulations.
Universal Slitter
Slits and strips round cables with a diameter of 0.18" to
1.40"(4.5-35 mm). Quickly removes insulation without
nicking conductor. For power and telecommunication
cables 500-1200 MCM. (240-600 mm
2). Not suitable for
XLP insulation.
■ Precision stripping and slitting of rubber, PVC,
nylon and most insulation materials
■ Adjustable depth of cut up to .18" (4.5 mm)
thick insulation
■ Circumferential, longitudinal and spiral cuts
■ Cable is supported during use
■ Cable support arm edge is used to pry off
thick insulation
■ Laser-trimmed, stainless-steel blade for long use
■ A perfect tool for mid-point taps
■ Spare blade included
■ Lifetime warranty on tools; one-year on blades
Technical
Weight
7 oz. (200 g)
Length
5.7" (145 mm)
Ordering
Part Number
Universal slitter
1822
Replacement blade
2109
Great for
corrugated aluminum
armor cables!
1821
1820
Preset height
adjustment
3 Fiber Optic 07 FINAL:FiberOptics_p058_065
10/19/07
9:22 AM
Page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com