Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 45Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 46Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 47Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 48Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 49Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 50Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 51Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 52Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
47
solutions
www.paladin-tools.com
Crimpers
Fiber Optic Cable
Fax 800.272.5257
Int’l Fax 001.804.0610
8017
1606
1364
Part Numbers
Description/Crimp Sizes/Crimp Style
Connector Manufacturer or Remarks
Tool & Die: 8017
SMA, SMB, SFR, ST, SC Type
Universal for sleeves and ferrules,
Tool & Die: 1362
0.128"/0.151"/0.215"/0.197"/0.178" HEX
SC, FC, SMA
Die Only: 2652
(3.2/3.83/5.46/5.0/4.52 mm)
Tool & Die: 8018
SMA/FC Type
Crimps ferrules and sleeves only,
Tool & Die: 1330
0.215"/0.178"/0.151" HEX
SMA, FC
Die Only: 2043
(5.46/4.52/3.83 mm)
Tool & Die: 8019
SRF and SMF Type
Crimps ferrules and sleeves
Tool & Die: 1331
0.190"/0.160"/0.132" RND
AMP (Tyco)
Die Only: 2030
(4.83/4.06/3.35 mm)
Tool & Die: 8020
Lucent Technologies ST II Type
Crimps ferrules and sleeves
Tool & Die: 1364
0.190" HEX/0.105" RND/0.090" RND
Lucent ST II
Die Only: 2654
(4.83/2.67/2.3 mm)
Tool & Die: 8037
3M SC/FC-3
Connectors with round crimp
Tool & Die: 1369
0.120" RND/0.137" RND/0.190" RND
3M SC/FC Type Fiber
Die Only: 2669
(3.05/3.48/4.83 mm)
Tool & Die: 8039
FC/SC/ST/LC/SMA/MT-RJ
Crimps 3M, SC/ST & Lucent/Krone LC,
Tool & Die: 1375
0.151"/0.178" HEX; LC RND/0.190" RND
SMA, FC, MT-RJ
Die Only: 2685
(3.83/4.52/LC/4.83 mm)
LC RND dimension proprietary
Tool & Die: 8050
AMP SC 2.0/2.5/3.0 mm
Connectors with round crimp
Tool & Die: 1390
.110/.125/.140/.191 RND
AMP SC
Die Only: 2695
8000 Series CrimpALL® & 1300 Series Crimp Tools & Die Sets
1600 Crimp Tools & Die Sets
Part Numbers
Description/Crimp Sizes/Crimp Style
Connector Manufacturer or Remarks
Tool & Die: 1606
STII Type
Lucent ferrules & sleeves
Die Only: 2044
0.190" HEX/0.105" RND/0.90" RND
(not for use on STII+ connectors)
4.83/2.67/2.3 mm
Tool & Die: 1614
SMA/SMB/FC/BICONIC Fiber
SMA/SMB/FC BICONIC/SC/ST
Die Only: 2664
0.213"/0.178"/0.151" HEX
5.41/4.52/3.83 mm
Tool & Die: 1668
SC & ST
3M, Suncall, Fiber Source
Die Only: 2668
0.120"/0.137"/0.190" RND
3.05/3.48/4.83 mm
3 Fiber Optic 07 FINAL:FiberOptics_p058_065
10/23/07
10:22 AM
Page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com