Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 82Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 83Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 84Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 85Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 86Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 87Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 88Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 89Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
84
www.paladin-tools.com
solutions
Triple-plated ratchet gear
extends tool life
Electrical & Industrial Cable
Crimpers
1300 Series Crimpers
Paladin’s 1300 Series is the original interchangeable-die crimping
system – all the rest are mere copies of our innovation. It continues
to be the answer for precision-crimping at an affordable price with
over 45 die sets available for the most popular connectors. See
crimp chart for specific connector and crimp dimensions.
Features:
■ Fully-ratcheting cycle with built-in safety release
■ Interchangeable die sets of heat-treated steel for long life
■ Easy to use and maintain
■ Available as complete tool with die set inserted or
separate tool frame and individual die sets
■ Foam-lined case available to hold frame and 6 die sets together
■ Lifetime warranty on tool; one-year on die sets
Advantages:
■ EZI-Change™ die screws make changing dies quick and easy –
no screwdriver required
■ Most precise and tightest tolerances on die sets in the industry
■ Six ratchet gear settings for optimum crimp performance
(see page for 105 for additional details)
Technical
Weight
Length
Crimp tool frame
10.4 oz (296 g)
8.9" (225 mm)
Die set
2 oz (57 g)
Ordering
Part Number
Crimp tool frame
1302
Replacement EZI-Change™ die screws (2)
2303
Replacement fixed die screws (2)
2306
Replacement handles
1300.9
1300 crimp case
901013
Int’l Phone 001.804.550.1121
1302
Fully ratcheting action and
built-in safety release.
EZI-Change™
Thumb Screws
Ratchet gear settings
1306
5 Electrical Industrial 07 FINAL:Layout 1
10/18/07
3:58 PM
Page 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com