Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 42Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 43Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 44Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 45Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 46Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 47Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 48Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 49Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
44
www.paladin-tools.com
solutions
Fiber Optic Cable
Slitters
44
Phone 800.272.8665
Int’l Phone 001.804.550.1121
1600 Crimp Tools
Angled head
1606
The 1600 Series is Paladin Tools’ premium crimper family designed
for the professional that demands superior quality and reliability.
It is the most widely used tool amongst broadcast installers and
professional cable assembly companies. It supports more fiber
applications than the larger, more expensive tools.
Precision-calibrated
profiles with +/- .002
tolerances
Features:
■ Precision-calibrated crimp profiles
■ Finest-quality tool steel
■ Long-lasting tool that delivers over 75,000 crimp cycles
■ Ultra-smooth, advanced ratcheting system with built-in safety release
■ Rugged, double-plated jaw design for increased life span
■ Lifetime warranty
Advantages:
■ Smallest grip hand tool on the market with the longest life span available
■ Lowest hand-force of the long-life crimp tools on the market without
compromising superior crimp force
■ True ergonomic rubber handles that are soft and won’t quickly wear out or break
■ No breakover hand force – the effort required by most crimpers to make the last
click at the end of the cycle to complete the crimp – the tool does the work
■ Interchangeable die sets
■ Fiber optic die sets manufactured using secondary precision 3-D CNC grinding
process to ensure +/- .002 tolerances for crimping profiles
Technical
Weight
Length
19 oz. (538 g)
8" (203.2 mm)
Ordering
Part Number
Crimp tool frame
1600
Replacement handles
1600.9
Thumb screws (1 set)
2307
Reduced handle grip
distance makes it easy for
both small and large hands
Safety release
Rugged, double-plated
jaw design for
increased life span
Reduced grip distance
Triple ratchet
designed for powerful
and precise crimping.
See pg.
47
for our 1600
Series Crimpers
& Die Sets
3 Fiber Optic 07 FINAL:FiberOptics_p058_065
10/19/07
9:22 AM
Page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com