Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 78Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 79Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 80Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 81Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 82Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 83Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 84Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 85Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
80
www.paladin-tools.com
solutions
1600 Crimp Tools
The 1600 Series is Paladin Tools’ premium crimper family designed
for the professional that demands superior quality and reliability.
It is the most widely used tool amongst broadcast installers and
professional cable assembly companies.
Most of the 1600 Series crimpers for industrial and electrical applications have
a fixed-die system. This ensures that the die sets are properly aligned and
the tool is factory calibrated. These dies are made of an even higher grade
steel and are double-plated to ensure the proper ruggedness.
Features:
■ Precision-calibrated crimp profiles
■ Finest-quality tool steel
■ Long-lasting tool that delivers over 75,000 crimp cycles
■ Ultra-smooth, advanced ratcheting system with built-in safety release
■ Rugged, double-plated jaw design for increased life span
■ Lifetime warranty on tool; one-year on die sets
Advantages:
■ Smallest grip hand tool on the market with the longest life span available
■ True ergonomic rubber handles that are soft and won’t quickly
wear out or break
■ Lowest hand-force of the long-life crimp tools on the market
without compromising superior crimp force
■ No breakover hand force – the effort required by most crimpers
to make the last click at the end of the cycle to complete the
crimp – the tool does the work
Electrical & Industrial Cable
Crimpers
Int’l Phone 001.804.550.1121
1647
Precision ratchet
for precision
crimping.
Technical
Weight
Crimp tool frame
19 oz. (538 g)
Die set
2 oz. (57 g)
Ordering
Part Number
Crimp tool frame
1600
Replacement handles
1600.9
Thumb screws (1 set)
2307
Reduced handle grip distance
makes it easy for both small
and large hands
Safety
release
Rugged, double-
plated jaw design
for increased
life span
5 Electrical Industrial 07 FINAL:Layout 1
10/18/07
3:58 PM
Page 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com