Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 81Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 82Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 83Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 84Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 85Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 86Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 87Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 88Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
83
solutions
www.paladin-tools.com
Tool & Die: 8021
Insulated Terminals and Lugs, Solid or Stranded Wire, 22-10 AWG (.34-6.0 mm2),
Die Only: 2035
12-10(Yellow)/16-14(Blue)/22-18(Red) (6-4/2.5-1.5/.34-.75 mm2),
For Large Professional Terminals (Panduit, T & B, etc.)
Tool & Die: 8022
Insulated Terminals and Lugs, Solid or Stranded Wire, 22-10 AWG (.34-6.0 mm2),
Die Only: 2040
10-12(Yellow)/16-14(Blue)/22-18(Red) (6-4/1.5-2.5/.34-.75 mm2),
For Standard Commercial Terminals (Hardware Store Brands)
Tool & Die: 8023
Insulated Terminals and Lugs, Solid or Stranded Wire, 26-14 AWG (.10-2.5 mm2),
Die Only: 2029
16-14(Blue)/22-18(Red)/22-26(Yellow) (1.5-2.5/.34-.75/.34-.10 mm2),
For Smaller Wire Barrel Terminals
Tool & Die: 8024
Non-Insulated Terminals and Lugs, Solid or Stranded Wire, 22-8 AWG (.34-10 mm2),
Die Only: 2031
10-8/14-12/18-16/22-20 (6-10/2.5-4/.75-1.5/.34-.50 mm2)
For Standard Commercial Terminals
Tool & Die: 8026
Open Barrel Non-Insulated Terminals and Lugs - narrow, Stranded Wire,
Die Only: 2033
22-14 AWG (.34-2.5 mm2), F-Type*, 22-18/16-14/12-10,
(.34-.75/1.5-2.5/4-6 mm2), For Standard Commercial Terminals
Tool & Die: 8027
Open Barrel Non-Insulated Terminals and Lugs - wide, Stranded Wire,
Die Only: 2096
22-14 AWG (.34-2.5 mm2), F-Type*, 16-14/22-18 (1.5-2.5/.34-.75 mm2)
For Standard Commercial Terminals
Tool & Die: 8029
Open Barrel D-Sub Contact Pins, Stranded Wire, 28-20 AWG (.08-.5 mm2),
Die Only: 2097
F-Type*, 28-24/22-20 (.08-.2/.34-.5 mm2)
For Standard D-sub Pins Only
NOTE: For the crimpers and die sets above, the pin AWG size must be inside the range of the crimp area AWG size to work.
For example, if the area is for 28-24 AWG, the pin must have an AWG size rating between 28-24, no smaller and no larger.
In this example, a 28-22 AWG rated pin will not work; it is too large in size.
*This is also known as “B-Type.”
Tool & Die: 8025
Insulated & Non-Insulated Wire Ferrules, Stranded Wire, 22-10 AWG
Die Only: 2095
(.34-6.0 mm2), 22-20/18-16/14-12/10 (.34-.50/.75-1.5/2.5-4/6 mm2)
For DIN or US Type Wire Ferrules
Crimpers
Electrical & Industrial Cable
Fax 800.272.5257
Part Numbers
Description
Insulated Terminal Crimpers
Non-Insulated Terminal Crimpers
Open Barrel Contacts, Box Contacts, and Terminals Crimpers
Wire Ferrule Crimpers
5 Electrical Industrial 07 FINAL:Layout 1
10/18/07
3:58 PM
Page 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com