Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 26Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 27Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 28Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 29Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 30Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 31Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 32Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 33Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
28
www.paladin-tools.com
solutions
All-in-One Ultra Telephone Tools
Our best all-in-one tool! Ultra-professional all-in-one
crimping tools for AMP (Tyco) or Western Electric
(WE)/ Stewart Stamping (SS)-type, 4-, 6- and 8-position
modular plugs.
■ 4 crimp functions with a single tool without
changing dies
■ Crimps 4-position RJ22 handset
■ Crimps 4- and 6-position RJ11/RJ12 connectors
■ Crimps 8-position RJ45 (non-keyed)
■ Embedded cable cutter and stripper
■ Crimps 28-24 AWG (.08 - .20 mm2) telephone and
data cables
■ Advanced ratchet system
■ Precision die-cast aluminum head
■ Crimps 6-position RJ11-DEC offset type
connectors (P/N 901014)
■ Lifetime warranty
Technical
Weight
19 oz. (525 g)
Length
8.07" (205 mm)
Ordering
Part number
All-in-One Ultra Telephone Tool AMP (Tyco)
901014
All-in-One Ultra Telephone Tool (WE/SS)
901016
Replacement blade kit
2530
901014
All-in-One Pro Telephone Tools
Does everything from CAT-3 to CAT-5e! All-in-one crimp-
ing tool for Western Electric (WE)/ Stewart Stamping (SS)
and AMP (Tyco) type, 4-, 6- and 8-position modular
telephone plugs.
■ Crimps 4-position RJ22 connectors
■ Crimps 4- and 6-position RJ11/RJ12 connectors
■ Crimps 8-position RJ45 (non-keyed) connectors
■ Embedded cable cutter and stripper
■ Crimps 28-24 AWG (.08 - .20 mm2) telephone and
data cables
■ Comfortable rubber-embedded handles
■ Built-in safety ratchet release
■ Lifetime warranty
Technical
Weight
19 oz. (525 g)
Length
8.07" (205 mm)
Ordering
Part number
All-in-One Pro Telephone Tool (WE/SS)
1530R
All-in-One Pro Telephone Tool AMP (Tyco)
1540
Replacement blade kit
2530
1530R
Twisted Pair Cable
Crimpers
Int’l Phone 001.804.550.1121
2 TwistedPair 07 FINAL:54177_p030_057_out
10/18/07
4:18 PM
Page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com