Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 66Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 67Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 68Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 69Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 70Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 71Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 72Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 73Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 116 page
background image
68
www.paladin-tools.com
solutions
Coaxial Cable
Kits
BroadcastReady™ Kit
The BroadcastReady™ Kit includes professional tools for
cutting, stripping, crimping and testing coaxial cable
connections for HDTV, video and RF communications.
Protected by a padded, zipper case, BroadcastReady contains:
Kit Contains:
Quick
Description
Model
Reference
KT 8 round cable cutter
900265
pg. 49
CST stripper frame with blades
1250
pg. 51
CST GRN – common connectors
2240
pg. 51
CST OG – Kings & Amphenol 3-piece
2247
pg. 51
CST BK – ADC, Amphenol HDTV
2248
pg. 51
1600 Series crimp frame
1600
pg. 54
Die sets*:
BNC/TNC RG174 & other small cable
2003
pg. 55
BNC/TNC - RG58/59 & other small cable
2005
pg. 55
BNC/TNC HDTV - Belden 8281 & 7505
2660
pg. 55
BNC/TNC HDTV - RG59,
& Belden 1505 & 8241
2661
pg. 55
BNC/TNC HDTV - RG6,
& Belden 1694A & 1855A
2662
pg. 55
BNC/TNC HDTV – Belden 1694A
& 8281 & NT735
2663
pg. 55
Screwdriver to change dies
N/A
N/A
Coax-Check® Remote tester
1565
pg. 65
LAN ProNavigator® tester & remote
1543
pg. 65
■ One-year warranty on kits; individual warranties
apply to each tool
Technical
Weight
3 lbs. (1.4 Kg)
Dimensions (in)
10.5" W x 2.75" L x 3.25" D
Dimensions (mm)
267 mm W x 197 mm L x 83 mm D
Ordering
Part Number
BroadcastReady™ Kit
901083
*See die set matrix on pages 53 for crimp size dimensions.
Premise Service Kit
This data, voice, and coaxial LAN installation kit pro-
vides everything for twisted pair and coaxial cable
installation. All tools contained in a professional
blow-mold case complete with form-fitting foam.
Kit Contains:
Quick
Description
Model
Reference
KT 8 round cable cutter
900265
pg. 49
Data SureStrip® UTP/STP
& flat satin cutter/stripper
1116
pg. 14
LC CST CATV “F” coax stripper
1257*
pg. 52
CrimpALL® Crimp Frame with
EZI-CHANGE™ thumb screws
8000
pg. 56
Die sets:
RJ45 WE/SS-style & CATV “F”
2687**
pg. 56
RJ11/12 WE/SS-style
2062*
pg. 25
SurePunch® PRO punchdown tool
3589
pg. 19
SurePunch® PRO detachable
light & batteries
4599
pg. 19
110 blade
4572
pg. 20
66 blade
4573***
pg. 20
LAN ProNavigator® UTP/STP
continuity tester
1543
pg. 65
LAN Cable-Check & Telecom Test set
1573
pg. 32
RJ45 8-way adapter
1902
pg. 31
Adapter, CATV “F” (female) to BNC (male)
901074
pg. 65
* Replaced with LC CST-58/59 coax stripper
** Replaced with RJ45 AMP-style & RG58/59 BNC/TNC die
*** Replaced with BIX or Krone blade
■ One-year warranty on kits; individual warranties
apply to each tool
Technical
Weight
7.6 lbs. (3.5 Kg)
Dimensions (in)
17" W x 13.4" L x 4.5" D
Dimensions (mm)
432 mm W x 341 mm L x 115 mm D
Ordering
Part Number
Premise Service Kit
901039
Premise Service Kit - AMP/Krone*†
9010391
Premise Service Kit - AMP/BIX*†
9010392
*WE/SS - style replaced with AMP - style.
†66 blade replaced with BIX or Krone
Case now
features
velcro pou
ches
for dies
Phone 800.272.8665
Int’l Phone 001.804.550.1121
4 Coax 07 FINAL:54177_p066_085_out
10/19/07
8:42 AM
Page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com