Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 75Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 76Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 77Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 78Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 79Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 80Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 81Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 82Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 116 page
background image
77
solutions
www.paladin-tools.com
Strippers
Electrical & Industrial Cable
Fax 800.272.5257
SureStrip® 4.0
High-quality wire stripping and cutting tool for
20-12 AWG (0.5-4.0 mm
2).
■ Strips stranded and solid conductors with
PVC insulation
■ Strips multiple conductors and thin, ribbon-cable
conductors simultaneously
■ Built-in wire cutter
■ Precision self-adjusting blades prevent wire damage
■ Strips double-insulated cables in two work cycles
■ User-replaceable stripping blades
■ Adjustable wire stop to set strip lengths
■ Value stripper to prepare wire for
wire and ferrule terminaion
■ One-year warranty
Technical
Weight
5.2 oz. (147 g)
Length
7.9" (200 mm)
Ordering
Part Number
SureStrip® 4.0*
904893
Replacement stripping blade set
901022
*Do not use on live circuits.
mini-stripax® plus
Universal wire stripper and cutter that uses changeable
blades to strip PVC and Teflon® insulation. Strips
PVC-insulated wire in the range of 28-18 AWG
(0.80-1.0 mm
2) and Teflon-insulated wire in the
range of 32-18 AWG (.032-1.0 mm
2).
■ Strips flexible and solid conductors with PVC, Teflon,
silicone and other special insulations
■ Strips multiple conductors and thin ribbon-cable
conductors simultaneously
■ Adjustable wire stop and built-in wire cutter
■ 28-18 AWG (0.80-1.0 mm2) PVC blade included
■ Lifetime warranty on tool; one-year on blades
■ See replacement blades on next page
Technical
Weight
4 oz. (114 g)
Length
5.3" (135 mm)
Ordering
Part Number
mini-stripax® plus*
1115P
*Strips PVC only. Do not use on live circuits.
For Teflon, order blades separately see page 78.
5 Electrical Industrial 07 FINAL:Layout 1
10/23/07
2:06 PM
Page 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com