Electronic Components Datasheet Search
  English  ▼

X  

RG59 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 40Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 41Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 42Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 43Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 44Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 45Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 46Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 47Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
42
www.paladin-tools.com
solutions
Fiber Optic Cable
Cutters
Phone 800.272.8665
Int’l Phone 001.804.550.1121
Economy Fiber Optic Stripper
Handy stripper for 2-3 mm fiber optic cable with a
125 um cladded core glass fiber.
■ Pre-calibrated and factory set to ensure precision
■ Spring-loaded closure with distance stops
■ Bright orange rubber dipped handles
■ Lock closure for safety and transport
■ Strips 2.0-3.0 mm fiber jacket, 900 um buffer,
and 250 um acrylate
■ One-year warranty
Technical
Weight
3 oz. (86 g)
Length
5" L (127 mm)
Ordering
Part number
Economy fiber optic striper
1162
Adjustable Jacket Stripper
Perfect for cutting jackets of a variety of fiber optic cables.
■ Adjustable blades from 30-10 AWG (.05-6 mm2)
■ Economical tool for multiple cables
■ One-year warranty
Technical
Weight
3 oz. (86 g)
Length
5" (127 mm)
Ordering
Part number
Adjustable jacket stripper
1161
Fiber Optic Scribe
Incise or score the fiber optic glass in a scratch and
pull technique of scribing optical fiber with minimum
damage to the glass.
■ Pen-type scribe with screw-in non-reversible carbide tip
■ Wedge shaped tip
■ Pocket-clip
■ Stainless steel barrel
■ One-year warranty
Technical
Weight
2 oz. (57 g)
Length
5.25" D (133.4 mm)
Ordering/Description
Part number
Carbide tip fiber optic scribe
1922.1
Fiber Optic Polishing Pucks
Hand polishing pucks for SC, ST, FC and LC-type fiber
optic connectors.
■ Manufactured from aluminum with tungsten coating
■ Cleaner than conventional plastic pucks because less
debris left behind
■ Double the lifetime of conventional plastic pucks
■ One-year warranty
Technical
Weight
.5 oz. (14 g)
Diameter
1.10" (27.9 mm)
Ordering/Description
Part number
SC, ST, FC polishing puck
1920.1
LC polishing puck
1926.1
3 Fiber Optic 07 FINAL:FiberOptics_p058_065
10/19/07
9:22 AM
Page 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com