Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 31Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 32Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 33Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 34Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 35Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 36Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 37Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 38Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
150 ns EEPROM/EPROM AC Timing
Parameter
Description
MIN
Typ
MAX
Units
tCKP
MCLK period
20
ns
tMAOD
Max MADDR[17:0] delay from SYSCLK (read, first cycle)
21
ns
tCEW
Min MCS*[3:0] pulse width
190
ns
tOEW
Min MRD* pulse width
190
ns
tMDIS
Min MDATA[31:0] setup to SYSCLK (read, 11th cycle)
10
ns
tRDH
Min MDATA[31:0] hold from MRD* rise (read, 12th cycle)
(by design, data is latched internally in the cycle before
the rise of MRD*)
0
ns
tWAW
Min MADDR[17:0] setup to MWE*[3:0] rise
190
ns
tWAH
Min MADDR[17:0] hold from MWE*[3:0] rise
40
ns
tWP
Min MWE*[3:0] pulse width (write, second cycle)
190
ns
tWDS
Min MDATA[31:0] setup to MWE*[3:0] rise
180
ns
tWDH
Min MDATA[31:0] hold to MWE*[3:0] rise
15
ns
EEPROM/EPROM WRITE CYCLE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
TW A W
TW P
TW D S
TC E W
TM A O D
TW A H
TW D H
0ns
100n s
200n s
3 0
SYSC L K
MC L K
M W E * [3 :0 ]
M C S * [3 :0 ]
M RD*
A DDR[ 1 7 : 0 ]
M D A T A [ 31: 0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com