Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 59Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 60Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 61Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 62Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 63Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 64Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 65Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 66Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
MDATA[30]
RISCRUN
A low on this signal halts the Switch Processor upon reset,
effectively placing the device into stand-by mode.
MDATA[29]
RSTTM
For test purposes only. Pull low for correct operation.
MDATA[28]
IMDIS
Internal memory disable: if high, the internal Switch Processor
ROM is disabled at initialization time.
MDATA[27]
PCI3V
If high, configures the PCI interface for the 3.3V signaling
environment. If low, configures the PCI interface for the 5V
signaling environment. Must be set to logic 0 since all AC
parametric testing done with the 5V signaling conditions.
MDATA[26]
FIRM
Reserved for use by Switch Processor firmware.
MDATA[25:22]
CHIPID[3:0]
These bits determine the PCI memory base address at
initialization time if the PCIRUN configuration bit is high. In this
case, the CHIPID[3:0] inputs are zero-extended to 8 bits and
loaded into the most significant byte of the Memory Base
Address register in the PCI configuration register space.
MDATA[21:16]
RTCDIV[5:0]
Real time clock divider: selects the divide ratio used for the
internal real-time clock prescaler. This field must be set
numerically equal to the frequency, in megahertz, of the clock
supplied on the SYSCLK input.
MDATA[15:14]
MXSEL[1:0]
Error! No index entries found.
MXSEL
00
01
10
11
Column Address
Bits
8
9
10
11
DRAM Configurations
Supported
64K x N & 128K x N
256K x N & 512K x N
1024K x N & 2048K x N
4 Meg x N & 8 Meg x N
MDATA[13]
MSLO
The MSLO bit extends read and write cycles to accommodate
slower DRAM devices in local memory devices. If MSLO is
high, 80ns DRAM is expected. If MSLO is low, 60ns DRAM is
expected. (MSLO must be a logic 0 if EDO DRAM is used with
the PM3351 since the device is intended to work with 60 ns
DRAM; as previously stated, DRAM, if used, is intended for non-
switching applications).
MDATA[12]
MDCAS
This bit identifies the type of DRAM connected to the memory
interface. If MDCAS is high, the memory interface will generate
control signals for 2-CAS DRAMs; otherwise, it generates
signals for single CAS DRAMs. (Again, as DRAM is generally
not used for standard switching, these bits will usually be don’t-
cares).
MDATA[11:9]
MTYPE3[2:0]
Indicates the type of memory connected to the MCS[3]* output:
MTYPE3[2:0]
000
001
010
011
100
101
110
111
Selected memory type
Reserved
Reserved
15ns SRAM
Reserved
Reserved
150ns (E)EPROM
60ns EDO DRAM
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com