Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 13Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 14Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 15Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 16Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 17Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 18Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 19Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 20Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
11
performed by jamming (colliding with) incoming packets on the 100Mb port when the
port has no free receive buffers.
Spanning tree bridging capabilities
The ELAN 1x100 is capable of supporting the 802.1d spanning tree protocol, allowing it
to interoperate with IEEE-standard transparent bridges. The spanning tree protocol is
supported by the on-chip Switch Processor unit, and does not require an external CPU
for implementation, as the actual agent may be supported on the Switch Processor on
one of the PM3350 chips.
Management and monitoring support
The ELAN 1x100 (PM3351) maintains and collects RMON port and host statistics for all
learned MAC addresses at wire rates. These statistics may be retrieved either in-band
(via SNMP agent) or out-of-band (via the expansion bus). When multiple ELAN 1x100
and ELAN 8x10 chips are present in a system, they may be configured to
intercommunicate and create a distributed MIB in a transparent manner.1
Status codes may be displayed on a set of LEDs (Light Emitting Diodes) during self-test
and operation at the system implementer's discretion. These status codes are output to
a register mapped into the ELAN 1x100 memory data bus at a specific address
location. Device failure during self-test, or specific operating conditions, may be
displayed using front-panel LEDs connected to the register.
An optional on-chip watchdog timer is provided by the ERST* output of the ELAN
1x100. The ERST* output of the device can be tied directly to the RST* input to provide
an optional system-wide watchdog reset. This facility permits the ELAN 1x100 to force
an automatic system restart whenever a fatal error is encountered during operation.
Autoconfiguration via Local PROM/EEPROM
The ELAN 1x100 automatically self-configures upon power-up using user-defined
parameters supplied in an external EPROM or EEPROM. The EPROM/EEPROM may
be connected to the memory bus and mapped to any address range; the ELAN 1x100
will automatically locate the EPROM or EEPROM and load the configuration
parameters from it. The ELAN 1x100 also contains hardware that enables it to write to
standard 3.3-volt EEPROM devices, thus permitting configuration information to be
changed dynamically.
1 The ELAN 8x10, if present in the system, can directly implement an optional on-chip SNMP agent on top
of an integral TCP/UDP/IP protocol stack, supporting SNMP and the RFC1493 bridge MIB, and supplying
SNMP access to the statistics gathered by the ELAN 1x100 (as well as the other devices in the system).
Alternatively, the system vendor may elect to disable the SNMP agent and access all chip statistics and
configuration variables directly from the expansion port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com