| Electronic Components Datasheet Search |
|
PM3351-SW Datasheet(PDF) 82 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3351-SW Datasheet(HTML) 82 Page - PMC-Sierra, Inc |
|
82 / 268 page ![]() PM3351 ELAN 1X100 DATA SHEET PMC-970113 ISSUE 3 SINGLE PORT FAST ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 76 The remaining bytes in the packet buffer contain the payload, consisting of Ethernet frame bytes received by the MAC channel of the ELAN 1x100 (or created via software). The bytes are placed into the packet buffer in the order depicted above, depending on the setting of the byte swap hardware configuration bit. Note that 'PayloadByte0' in the above diagrams refers to the first byte received from the medium for the payload of the given packet buffer; in the case of the first packet buffer in a chain, this byte will contain the LSB of the 48-bit MAC destination address in the Ethernet frame header. Packet buffer chains may also be used by the various chips in the system to contain message data that is to be exchanged between devices interfaced to the PCI bus. If a packet buffer holds message data rather than Ethernet frame data, then the format of the header is unchanged, but the payload field is formatted in a message-specific manner. Data contained within packet buffers is never cached by the Switch Processor, and hence the contents of any packet buffer may be read at any time via the PCI expansion port. In normal operation, packet buffers are primarily manipulated by the DMA hardware; the Switch Processor usually writes only the RefCount and LastSize fields. Data Descriptors Ethernet frames, messages and other pieces of data being transferred between devices within an ELAN 1x100 system, or between tasks on a single ELAN 1x100, are tracked by means of 16-byte data descriptors . (When a data descriptor refers to an Ethernet frame that contains management data to be processed by the ELAN 1x100 system itself, or to buffers holding control and status data that are exchanged for messaging purposes within the ELAN 1x100 system, then it is sometimes referred to as a message descriptor.) Data descriptors form the primary queueing elements in the ELAN 1x100 device: in addition to forming the individual elements of transfer rings (see below), they are used to hold message information and to create special frame handling queues for management functions. All data descriptors have the same general format, and contain pointers to the first and last packet buffer of a packet buffer chain holding an Ethernet frame or a control/status message, flags fields that indicate the processing to be performed on the frame or message, and other information required for processing the payload. In general, data descriptors are formatted as follows: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |