Electronic Components Datasheet Search
  English  ▼

X  

PM3351-SW Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 73Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 74Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 75Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 76Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 77Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 78Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 79Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 80Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
71
The components of the operating environment are as follows:
1.
The first 8192 bytes of space are reserved for holding switching firmware code.
This space is intended to serve as a backup for the internal 8192 byte
instruction RAM present in the ELAN 1x100.
2.
The next 128 bytes are used to hold various frequently referenced, global
variables, such as the exception masks, broadcast counters, etc. These
variables normally reside in the Switch Processor data cache, and hence their
memory image may be inconsistent until the cache is flushed to memory.
3.
A block of 64 bytes is reserved for use by the switching firmware as a register
save space during interrupts. This area is also cached.
4.
A Local Port Descriptor is placed in the next 64 bytes. The Local Port
Descriptor also resides in the Switch Processor data cache, and this region of
memory will thus contain out-of-date values until the data cache is flushed. The
Local Port Descriptor contains statistics and control information used during
frame switching, and is described in further detail below.
5.
A set of 16 Background Queues are placed in the next 256 bytes. These
queues are used to transfer frames and messages from the foreground
switching tasks to background and management tasks. The Background
Queues reside in the cached memory area.
6.
The next 256 bytes are reserved for the Random Number Generation Table.
This table contains an array of seed values that are used to generate pseudo-
random numbers during the computation of backoff timer values for half-duplex
collision handling.
7.
A set of eight Expansion Port Descriptors occupies another 256 bytes. These
data structures hold information pertaining to the devices accessible via the PCI
expansion bus. As in the case of the Local Port Descriptors, the Expansion Port
Descriptors are normally cached and the memory region will not be updated
until a data cache flush. The Expansion Port Descriptors are discussed in more
detail below.
8.
A Dispatch Table, consisting of an array of pointers to firmware routines that
acta as handlers for special situations or for error recovery purposes. A block of
256 bytes is reserved for the Dispatch Table. Note that the Dispatch Table is
located immediately following the cached region of the Switch Processor
operating environment; this and all subsequent data structures are not cached.
9.
The next 256 bytes are reserved for miscellaneous variables utilized on an
infrequent basis by the switching firmware. This includes things such as a
generic hash bucket structure and debug variables.
10. A Port Descriptor Error Counter structure is provided to hold error and collision
statistics for the local (MAC) port. The counter block requires 96 bytes of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com